M3H23FBG-R
AI

The **M3H23FBG-R** belongs to the **M3H Group** of microcontrollers (MCUs) within the **TXZ+™ Family Advanced Class**, manufactured by **Toshiba**. These components are designed using the ARM® Cortex®-M3 core and are specifically optimized for motor control and industrial automation.
---
### 1. Technical Specifications
The following table highlights the core electronic characteristics of the M3H23FBG-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Package** | LQFP64 (10mm x 10mm) |
---
### 2. Key Electronic Peripherals
The "FBG-R" variant includes specific hardware blocks tailored for high-speed signal processing and control:
* **Advanced Programmable Motor Control (A-PMD):** A 3-phase PWM output unit capable of controlling brushless DC (BLDC) motors with high efficiency.
* **12-bit Analog-to-Digital Converter (ADC):** Features high-speed conversion (approx. 1.5 µs) for precise sensor feedback.
* **Advanced Encoder Input Circuit (A-ENC):** Supports incremental encoders, essential for detecting motor position and speed.
* **Communication Interfaces:**
* **UART:** For serial communication.
* **I2C:** For peripheral sensor interfacing.
* **TSPI:** Toshiba's high-speed Serial Peripheral Interface.
---
### 3. Part Number Decoder
Understanding the suffix helps in identifying physical packaging and memory density:
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Group Name (Cortex-M3 High Speed) |
| **2** | Group Type (Standard Motor Control) |
| **3** | Function Category / Pin Count (64 pins) |
| **F** | Flash Memory Capacity (128 KB) |
| **BG** | Package Code (LQFP64) |
| **-R** | Tape and Reel Packaging |
---
### 4. Application Areas
Due to its integrated motor control hardware, this part is commonly found in:
1. **Home Appliances:** Washing machines, refrigerators, and air conditioners.
2. **Industrial Equipment:** Small pumps, fans, and conveyor systems.
3. **Consumer Electronics:** Power tools and robotics.
- ⤷
What are the power consumption profiles for the M3H23FBG-R in sleep mode?
- ⤷ How does the A-PMD peripheral differ from standard PWM generators?
- ⤷ Is there a dedicated evaluation board available for the Toshiba TXZ+ family?