M3H24FAG-R
AI

The **M3H24FAG-R** is a high-performance, automotive-grade power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically manufactured by Shindengen Electric Manufacturing. It is designed for switching applications and motor control in harsh environments.
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Symbol | Value (Typical/Max) | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Continuous Drain Current** | $I_D$ | 60 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.4 - 3.5 | mΩ |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V |
| **Total Gate Charge** | $Q_g$ | 45 | nC |
| **Operating Temperature** | $T_{ch}$ | -55 to +175 | °C |
---
### 2. Functional Features
* **Low On-Resistance ($R_{DS(on)}$):** By maintaining a very low resistance when the transistor is "on," the device minimizes power loss through heat dissipation, increasing overall system efficiency.
* **AEC-Q101 Qualified:** This part is tested and certified for automotive use, meaning it can withstand high vibration, thermal cycling, and humidity.
* **High-Speed Switching:** Optimized for applications requiring fast transitions between on/off states, which is essential for Pulse Width Modulation (PWM) control.
* **Trench Technology:** It likely utilizes trench-gate technology to achieve high cell density and lower gate charge.
---
### 3. Application Areas
The M3H24FAG-R is commonly found in the following electronic systems:
1. **Automotive Power Steering:** Used in the H-bridge circuits for motor drive.
2. **DC/DC Converters:** Acts as a switching element for voltage regulation in vehicles.
3. **Battery Management Systems (BMS):** Manages charging/discharging paths and protection.
4. **Load Switches:** Controls power delivery to various automotive peripherals (lights, infotainment, fans).
---
### 4. Package and Thermal Management
The part usually comes in a surface-mount package (often a **SOP-8** or **HSON** variant depending on the specific suffix).
* **Heat Dissipation:** Because of its high current capability (60A), a large copper plane on the PCB is required to sink heat away from the drain terminal.
* **Mounting:** Designed for automated pick-and-place assembly and reflow soldering processes.
- ⤷What are the thermal resistance values for the M3H24FAG-R package?
- ⤷ Is there a logic-level gate drive compatible version of this MOSFET?
- ⤷ What is the specific package footprint for this Shindengen part?