M3H24FBD-R
AI

The **M3H24FBD-R** belongs to the Renesas **RA3 Series** (specifically the RA3E1 group). It is a 32-bit Microcontroller (MCU) based on the Arm® Cortex®-M33 core. This part is designed for high-performance, low-power applications such as home appliances, industrial automation, and building control.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M33 |
| **Maximum Frequency** | 100 MHz |
| **Flash Memory** | 1 MB |
| **SRAM** | 128 KB |
| **Operating Voltage** | 1.6V to 5.5V |
| **Package** | 100-pin LQFP (14 x 14 mm) |
| **Operating Temperature** | -40°C to +85°C (Standard) / +105°C |
---
### 2. Core Functional Blocks
#### A. Processing & Memory
* **TrustZone® Support:** Provides hardware-enforced isolation for security.
* **Memory Protection Unit (MPU):** Enhances system reliability by preventing unauthorized memory access.
* **Data Flash:** Includes 8 KB of data flash for E2PROM emulation.
#### B. Analog Peripherals
This MCU is highly integrated with analog components to reduce external BOM (Bill of Materials):
* **ADC:** 12-bit Analog-to-Digital Converter (approx. 24 channels).
* **DAC:** 12-bit Digital-to-Analog Converter (2 channels).
* **Comparators:** High-speed analog comparators.
* **Internal Voltage Reference:** For stable analog measurements.
#### C. Communication Interfaces
The M3H24FBD-R supports a wide array of serial protocols:
* **SCI (Serial Communications Interface):** Up to 10 channels (UART, Simple SPI, Simple I2C).
* **SPI:** 2 dedicated channels.
* **I2C:** 2 multi-master bus interfaces.
* **CAN-FD:** Supports high-speed Controller Area Network with Flexible Data-rate.
#### D. Timers and PWM
* **GPT (General Purpose Timer):** 32-bit and 16-bit timers capable of PWM output for motor control.
* **Low Power Timer:** Designed for operation in sleep modes.
* **WDT:** Independent Watchdog Timer for system safety.
---
### 3. Application Use Cases
* **Industrial:** Sensor hubs, PLC modules, and motor control.
* **Consumer:** White goods (washing machines, refrigerators) requiring high safety standards.
* **Security:** Smart locks and secure IoT gateways utilizing the TrustZone features.
---
### 4. Part Number Decoding (Quick Guide)
* **M3:** Refers to the Arm Cortex-M33 Core.
* **H:** High-speed/Performance category.
* **24:** Specific Pin Count/Memory configuration indicator.
* **FBD:** Package code (LQFP).
* **-R:** Denotes tape and reel packaging.
- ⤷
What are the power consumption specs for the M3H24FBD-R in standby mode?
- ⤷ Which development tools or IDEs are recommended for Renesas RA3 MCUs?
- ⤷ How does TrustZone technology enhance security in this specific chip?