Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H25FBG-R

  • AI
    The **M3H25FBG-R** is a high-performance power semiconductor, specifically a N-channel MOSFET manufactured by **MagnaChip Semiconductor**. It is designed for high-density power conversion and switching applications. --- ## 1. Technical Specifications Below is a breakdown of the primary electrical characteristics for the M3H25FBG-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Continuous Drain Current** | $I_D$ | 25 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~6.0 - 7.5 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Package Type** | - | PDFN33 (3.3x3.3mm) | - | --- ## 2. Key Features * **Low On-Resistance ($R_{DS(on)}$):** This reduces conduction losses, leading to higher efficiency in power delivery. * **Low Gate Charge ($Q_g$):** Optimized for high-speed switching, which minimizes switching losses in DC-DC converters. * **Compact Footprint:** The PDFN33 (also known as PowerDFN 3x3) package allows for high power density on space-constrained PCBs. * **RoHS Compliant:** The part is lead-free and environmentally friendly. --- ## 3. Application Areas The M3H25FBG-R is typically used in the following electronic circuits: 1. **DC-DC Converters:** Point-of-load (POL) modules for motherboards and servers. 2. **Battery Management Systems (BMS):** Used for load switching and protection circuits in mobile devices. 3. **Motor Control:** Small BLDC motor drivers. 4. **Synchronous Rectification:** Used in the secondary side of power supplies to improve efficiency. --- ## 4. Internal Schematic Representation The device functions as a standard enhancement-mode MOSFET. ```mermaid graph TD G[Gate] --- |Oxide Layer| C[Channel] D[Drain] --- C S[Source] --- C C --- BodyDiode((Body Diode)) BodyDiode --- S ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H25FBG-R?
    • ⤷ Can this MOSFET be used in automotive applications?
    • ⤷ What are the recommended gate drive voltage levels for optimal efficiency?