M3H37FBG-R
AI

The **M3H37FBG-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, manufactured by **Toshiba**. This microcontroller (MCU) is designed based on the ARM® Cortex®-M3 core, optimized for motor control, consumer electronics, and industrial equipment.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Flash Memory** | 128 KB (Code) + 32 KB (Data) |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Operating Temperature** | -40°C to 85°C |
| **Package** | LQFP32 (7mm x 7mm) |
---
### 2. Core Architecture and Performance
The integration of the **ARM Cortex-M3** core provides a balance between high performance and low power consumption.
* **Efficiency:** Includes a hardware divider and single-cycle multiplication.
* **Interrupt Handling:** Features a Nested Vectored Interrupt Controller (NVIC) for low-latency interrupt response, crucial for real-time control.
### 3. Integrated Peripherals
The M3H37FBG-R is highly integrated to reduce external component costs:
* **A/D Converter (ADC):** High-speed 12-bit ADC (up to 7 channels) with a conversion speed of 1.0 $\mu$s, essential for sensing sensor data or motor position.
* **Timers:**
* **T32A:** 32-bit Timer Event Counter for precise PWM generation.
* **Advanced Programmable Motor Control (A-PMD):** Specifically designed to drive 3-phase motors with dead-time insertion.
* **Communication Interfaces:**
* **UART:** Up to 2 channels.
* **I2C:** 1 channel for peripheral communication.
* **TSPI:** 1 channel (Toshiba Serial Peripheral Interface).
---
### 4. Application Areas
Due to its 5V support and specialized motor control timers, this part is commonly used in:
1. **Home Appliances:** Washing machines, refrigerators, and air conditioners.
2. **Industrial Automation:** Small motor drives and sensor hubs.
3. **Consumer Electronics:** Power management and interface control.
---
### 5. Programming Example (Register Access)
The following is a conceptual snippet for initializing a GPIO pin using the Toshiba CMSIS driver structure:
```c
#include "TXZ_M3H.h"
void GPIO_Init(void) {
/* Set Port B Pin 0 to Output Mode */
TSB_PB->CR = 0x01;
/* Set Output High */
TSB_PB->DATA = 0x01;
}
```
- ⤷
What are the specific advantages of the TXZ+™ family over the previous TXZ series?
- ⤷ How does the Advanced Programmable Motor Control (A-PMD) handle dead-time?
- ⤷ Is there an evaluation board available for testing the M3H37FBG-R?