Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H37TDD-R

  • AI
    The **M3H37TDD-R** is a specific part number belonging to the **M3H Series** of microcontrollers (MCUs) manufactured by **Toshiba**. This series is built on the **ARM® Cortex®-M3** core and is specifically designed for high-efficiency motor control and industrial applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (Series dependent) | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 128 KB (Standard for '37' variants) | | **RAM** | 12 KB to 16 KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Temperature Range** | -40°C to 85°C (Industrial Grade) | --- ### 2. Core Electronic Components & Architecture The internal architecture of the M3H37TDD-R focuses on precision timing and signal processing. Key internal blocks include: #### A. Advanced Programmable Motor Control (A-PMD) This is the most critical peripheral for this chip. It allows for: * Three-phase PWM output. * Dead-time insertion to prevent short circuits in power stages. * Synchronization with the ADC for precise current sensing. #### B. Vector Engine (VE) Some variants in this family include a hardware "Vector Engine" that offloads the mathematical calculations required for Field Oriented Control (FOC) from the main CPU, significantly increasing efficiency. #### C. Analog Peripherals * **High-speed 12-bit ADC:** Used for monitoring motor phase currents and bus voltages. * **Built-in Amplifiers:** Often includes operational amplifiers to reduce the need for external components. --- ### 3. Application Use Cases The M3H37TDD-R is commonly found in the following electronic systems: 1. **Consumer Appliances:** Inverters for air conditioners, washing machines, and refrigerators. 2. **Industrial Automation:** Small-to-medium scale motor drives and pump controllers. 3. **Power Management:** Digital power supply control where precise PWM timing is required. --- ### 4. Part Number Breakdown (Naming Convention) | Prefix/Code | Meaning | | :--- | :--- | | **M3H** | Toshiba TXZ family, M3H Group (Cortex-M3) | | **37** | Specific performance tier and memory density (128KB Flash) | | **TDD** | Package and Pin-count identifier | | **-R** | Tape and Reel packaging (Standard for automated assembly) |
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H37TDD-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication for automotive use?
    • ⤷ What software development tools are recommended for programming the Toshiba TXZ series?