Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H37TDG-R

  • AI
    Based on the part number **M3H37TDG-R**, this component is a high-performance **N-Channel Enhancement Mode MOSFET** typically manufactured by companies like *UBIQ Semiconductor* (or similar power semiconductor specialists). It is designed primarily for power management and switching applications. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics for this part: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | ~50A - 75A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~3.5mΩ - 5mΩ @ $V_{GS}=10V$ | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.0V - 2.5V | | **Package Type** | PPAK / DFN | 3x3 or 5x6 mm | | **Configuration** | Single | N-Channel | --- ### 2. Functional Features * **Low $R_{DS(ON)}$:** The very low internal resistance reduces power dissipation (heat) during the conduction state, making it highly efficient. * **High Speed Switching:** Designed for high-frequency DC-DC converters. * **Logic Level Compatibility:** The low gate threshold voltage allows the MOSFET to be driven directly by 3.3V or 5V logic circuits. * **Trench Technology:** Utilizes advanced trench gate designs to maximize current density. --- ### 3. Common Applications This MOSFET is commonly found in the following electronic systems: 1. **Motherboards & GPUs:** Used in the Voltage Regulator Modules (VRM) to step down voltage for CPUs and memory. 2. **Battery Management Systems (BMS):** Acts as a protection switch for charging and discharging. 3. **DC-DC Converters:** Found in "Buck" converters for point-of-load power supplies. 4. **Motor Control:** Used in small BLDC motor drivers for drones or handheld electronics. --- ### 4. Pin Configuration (Typical PPAK 3x3/5x6) If you are looking at the physical chip, the pinout usually follows this standard: ```text Top View +----------+ | 8 7 6 5| <-- Drain (D) | | | 1 2 3 4| <-- 1,2,3: Source (S) +----------+ 4: Gate (G) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M3H37TDG-R?
    • ⤷ How do I calculate the power dissipation for this MOSFET in my circuit?
    • ⤷ Can this MOSFET be used in a 24V power system safely?