M3H42FAG-R
AI

The **M3H42FAG-R** is a specific part number belonging to the **M3H Group** of microcontrollers, developed by **Toshiba**. These components are based on the Arm® Cortex®-M3 core and are designed primarily for high-speed motor control and consumer electronics.
---
## 1. Technical Specifications
The M3H42FAG-R is characterized by its balance of performance and low power consumption.
| Parameter | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz - 80 MHz (depending on configuration) |
| **Flash Memory** | 128 KB |
| **RAM** | 12 |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Internal Features
The "Electronic Parts" within this MCU are integrated circuits designed for specific functional roles:
### A. Advanced Programmable Motor Control (A-PMD)
This is a dedicated hardware logic block designed to control 3-phase motors. It handles PWM (Pulse Width Modulation) generation automatically, reducing the CPU load.
### B. High-Speed Analog-to-Digital Converter (ADC)
It features a 12-bit ADC with a conversion speed of approximately 1.5 $\mu s$. This is critical for reading sensor data (like current or temperature) in real-time to adjust motor speed.
### C. Communication Interfaces
The chip integrates several standard communication peripherals:
* **UART:** For asynchronous serial communication.
* **I2C:** For connecting to sensors or EEPROMs.
* **TSPI:** Toshiba's Serial Peripheral Interface for high-speed data transfer.
---
## 3. Naming Convention Breakdown
Understanding the part number helps identify its specific hardware constraints:
* **M3H:** The Group name (Cortex-M3 High-speed series).
* **4:** Pin count indicator (e.g., 64 pins).
* **2:** Flash memory size indicator (e.g., 128 KB).
* **FAG:** Specific functional revision or package sub-type.
* **-R:** Usually denotes "Tape and Reel" packaging for automated assembly.
---
## 4. Typical Applications
Due to its integrated motor control hardware, you will find this part in:
1. **Home Appliances:** Washing machines, refrigerators, and air conditioners.
2. **Industrial Equipment:** Small pumps, fans, and conveyor controllers.
3. **Consumer Gadgets:** High-end power tools and office automation equipment.
- ⤷
What are the specific power-saving modes available for the M3H series?
- ⤷ How does the A-PMD block differ from standard PWM peripherals?
- ⤷ Which development tools or IDEs support programming the M3H42FAG-R?