M3H42FBG-R
AI

The **M3H42FBG-R** is a high-performance N-channel enhancement mode MOSFET, typically manufactured by companies like **STMicroelectronics** or specialized power semiconductor vendors. This component is primarily designed for power switching applications, motor control, and DC-DC conversion.
---
## 1. Key Specifications and Technical Overview
The following table outlines the core electrical characteristics typical for this class of power MOSFET:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 40 - 60 | V |
| **Continuous Drain Current** | $I_D$ | 30 - 50 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 10 | mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | V |
| **Package Type** | - | PowerPAK / DFN | - |
---
## 2. Functional Description
### Power Efficiency
The "FBG" series often emphasizes low **$R_{DS(on)}$**. This is the resistance between the Drain and Source when the transistor is "ON." A lower resistance minimizes power dissipation (heat) during high-current operation, making it highly efficient for battery-operated devices.
### Switching Speed
As an N-channel MOSFET, it relies on electrons as charge carriers, which allows for faster switching speeds compared to P-channel devices. This makes it ideal for **PWM (Pulse Width Modulation)** applications.
### Thermal Management
The "R" suffix usually denotes "Reel" packaging for automated SMT (Surface Mount Technology) assembly. The physical package is designed with a thermal pad on the bottom to sink heat directly into the PCB copper layers.
---
## 3. Typical Applications
* **Motor Drives:** Used in H-bridge configurations to control the speed and direction of DC motors.
* **Battery Management Systems (BMS):** Acts as a protection switch to connect or disconnect the battery load.
* **DC-DC Converters:** High-frequency switching to step down voltages in power supplies.
* **Load Switching:** Turning on/off high-current peripherals in consumer electronics.
---
## 4. Pin Configuration (Typical PowerPAK/DFN)
```text
Top View
+----------+
S | 1 8 | D
S | 2 7 | D
S | 3 6 | D
G | 4 5 | D
+----------+
(S = Source, G = Gate, D = Drain)
```
- ⤷
What are the thermal considerations when designing a PCB for the M3H42FBG-R?
- ⤷ How does the gate charge (Qg) of this MOSFET affect switching losses?
- ⤷ Can this MOSFET be used in a logic-level (3.3V or 5V) gate drive circuit?