Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H43FAD-R

  • AI
    The **M3H43FAD-R** is an integrated circuit (IC) belonging to the **M3H Group** of microcontrollers based on the **ARM® Cortex®-M3** core. It is manufactured by Toshiba and is designed specifically for motor control and industrial automation applications. --- ## 1. Core Specifications The M3H43FAD-R is built to balance power efficiency with the computational requirements of real-time control. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz - 80 MHz (depending on specific revision) | | **Flash Memory** | 128 KB - 256 KB | | **RAM** | 16 KB - 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP (Low-profile Quad Flat Package) | --- ## 2. Key Electronic Components & Subsystems The internal architecture of the M3H43FAD-R consists of several specialized electronic modules: ### A. Advanced Programmable Motor Control (A-PMD) This is the most critical part for electronic drive applications. It allows the IC to control three-phase motors (like BLDC or PMSM) with minimal CPU intervention. * **PWM Generation:** High-resolution Pulse Width Modulation. * **Dead-time Insertion:** Prevents short circuits in external power MOSFETs. ### B. Analog-to-Digital Converter (ADC) To sense the physical world (voltage, current, temperature), the chip includes a high-speed 12-bit ADC. * **Channels:** Multiple input channels. * **Conversion Speed:** Fast enough to perform vector control calculations in real-time. ### C. Communication Interfaces The part includes standard digital electronic interfaces for interacting with other sensors or master controllers: * **UART/SIO:** For serial communication. * **I2C:** For peripheral sensor communication. * **TSPI:** High-speed SPI for memory or display interfacing. --- ## 3. Peripheral Hardware Features The "R" suffix often indicates specific packaging (like Tape & Reel) or a specific revision within the Toshiba ecosystem focused on reliability. ### Safety and Reliability Features * **Oscillation Stop Detector:** Monitors the external crystal; if it fails, the internal RC oscillator takes over. * **Watchdog Timer (WDT):** Resets the system if the software hangs. * **Voltage Detection (LVD):** Monitors supply voltage to ensure the electronic parts don't operate in an unstable brown-out state. --- ## 4. Typical Application Circuit When designing a PCB with the M3H43FAD-R, the following external electronic parts are usually required: ```c // Example of a basic peripheral initialization sequence (C-code logic) void System_Init(void) { Clock_Setup(80MHz); // Internal PLL setup GPIO_Mode(PWM_OUT); // Configure pins for Motor Drive ADC_Enable(12BIT); // Enable current sensing Interrupt_Config(); // Set priorities for real-time tasks } ``` 1. **Decoupling Capacitors:** 0.1µF ceramic capacitors near the VDD pins. 2. **Crystal Oscillator:** Typically 8MHz to 12MHz for the main clock. 3. **Reset Circuit:** A simple RC network or a dedicated reset IC.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H43FAD-R in sleep mode?
    • ⤷ How does the A-PMD module differ from standard PWM modules in other microcontrollers?
    • ⤷ What is the pin count and physical dimension of the LQFP package used for this part?