Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H43FAG-R

  • AI
    The **M3H43FAG-R** is a specialized semiconductor component, typically categorized as a **High-Performance Power MOSFET** or a discrete power management device. These components are frequently used in automotive, industrial, and power conversion applications where high efficiency and reliability are required. Below is a detailed breakdown of the electronic characteristics and technical specifications typical of this part category. --- ### 1. Technical Specifications Overview While specific values may vary slightly by manufacturer (often associated with brands like Renesas or specialized power vendors), the "M3H" series generally follows these parameters: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | Logic Level Compatible | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage capacity | 30V - 40V | | **Continuous Drain Current ($I_D$)** | Max current handling | 40A - 60A | | **$R_{DS(on)}$** | Static Drain-Source On-Resistance | < 5.0 mΩ (at 10V) | | **Gate-Source Voltage ($V_{GS}$)** | Control voltage range | ±20V | | **Package Type** | Surface Mount Device (SMD) | SOP-8 / PowerPAK | --- ### 2. Key Internal Components The internal structure of the M3H43FAG-R consists of several critical layers: * **Silicon Die (Trench Technology):** Modern versions use "Trench" gate structures to reduce resistance and increase switching speeds. * **Gate Oxide:** A thin insulating layer that controls the flow between the Drain and Source. High-quality oxide prevents leakage at high temperatures. * **Body Diode:** An intrinsic diode that allows current to flow in the reverse direction, crucial for protecting the circuit against inductive spikes (Back EMF). --- ### 3. Application Use Cases This part is designed for high-density power environments: 1. **DC-DC Converters:** Used in point-of-load (POL) converters to step down voltages for CPUs and GPUs. 2. **Motor Control:** Acts as a switch in H-bridge circuits for small DC motors or fans. 3. **Battery Management Systems (BMS):** Manages the charging/discharging paths in lithium-ion battery packs. 4. **Automotive Electronics:** Used in Body Control Modules (BCM) due to its robustness against heat and vibration. --- ### 4. Critical Design Considerations * **Thermal Management:** Due to the high current capacity (40A+), the M3H43FAG-R requires adequate PCB copper pouring or heat sinking to prevent thermal runaway. * **Switching Loss:** While the $R_{DS(on)}$ is low, designers must account for "Switching Losses" occurring during the transition between ON and OFF states. * **Gate Drive:** Ensure the gate driver can provide enough peak current to charge the input capacitance ($C_{iss}$) rapidly for high-frequency operation.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M3H43FAG-R?
    • ⤷ Can you provide a pinout diagram description for the SOP-8 version?
    • ⤷ How does this MOSFET compare to the M3H43 series equivalents?