M3H43FBG-R
AI

The **M3H43FBG-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, manufactured by **Toshiba**. This specific part is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core.
---
## 1. Core Technical Specifications
The M3H43FBG-R is designed for motor control, industrial equipment, and home appliances.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 80 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **Operating Temperature** | -40°C to 85°C |
---
## 2. Key Peripheral Modules
This microcontroller integrates several hardware blocks designed for precision and efficiency:
### A. Analog Functions
* **ADC (Analog-to-Digital Converter):** Features a high-speed 12-bit ADC with up to 12 channels. It includes a sample-and-hold circuit capable of 1.0 $\mu$s conversion times.
* **DAC (Digital-to-Analog Converter):** 8-bit DAC (2 channels) for signal generation.
### B. Timer & Control Units
* **T32A (32-bit Timer Event Counter):** Supports PWM output, PPG output, and quadrature encoder input, making it ideal for motor position sensing.
* **A-PMD (Advanced Programmable Motor Control):** A dedicated hardware block that simplifies 3-phase inverter control for brushless DC motors (BLDC).
### C. Communication Interfaces
* **UART/SIO:** Up to 4 channels for serial communication.
* **I2C:** 2 channels (supports Multi-master).
* **TSPI (Toshiba Serial Peripheral Interface):** 2 channels with high-speed data transfer.
---
## 3. Specialized Features
1. **Self-Diagnosis Functions:** It incorporates hardware functional safety features (IEC 60730 compliant) to detect RAM errors, Flash checksum failures, and clock abnormalities.
2. **Low Power Management:** Supports multiple power-saving modes (IDLE, STOP1, STOP2) to reduce consumption in battery-operated or standby-heavy applications.
3. **Data Debugging:** Integrated SWD (Serial Wire Debug) interface for real-time debugging and programming.
---
## 4. Part Number Decoder (M3H43FBG-R)
* **M3H:** Group name (ARM Cortex-M3 / High speed).
* **4:** Pin count (4 = 64 pins).
* **3:** Series identifier.
* **F:** Flash memory size (F = 128KB).
* **B:** RAM size / specific variation.
* **G:** Package type (G = LQFP).
* **-R:** Packing format (usually refers to Tape and Reel).
- ⤷
What are the specific power consumption ratings for the M3H43FBG-R in STOP mode?
- ⤷ Does Toshiba provide a specific IDE or HAL library for the TXZ+ series?
- ⤷ How does the A-PMD module specifically assist in 3-phase motor control?