M3H43TDD-R
AI

The **M3H43TDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These are 32-bit microcontrollers based on the **ARM® Cortex®-M3** core, designed specifically for high-efficiency motor control and consumer electronics.
---
## 1. Core Technical Specifications
The "M3H" series is part of Toshiba’s **TXZ™ Family**. Below are the key electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 40 MHz to 80 MHz (varies by sub-model) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Flash Memory** | Typically 32KB to 128KB |
| **RAM** | 6KB to 16KB |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
---
## 2. Key Internal Components
The electronic architecture of this part includes several specialized modules:
### A. Advanced Programmable Motor Control (A-PMD)
This is a hardware block dedicated to three-phase motor control. It handles:
* PWM (Pulse Width Modulation) generation.
* Dead-time insertion to prevent short circuits in power stages.
* Emergency stop inputs for safety.
### B. Analog-to-Digital Converter (ADC)
* **Resolution:** 12-bit.
* **Speed:** High-speed conversion (approx. 1.0µs - 1.5µs).
* **Purpose:** Monitors phase currents, bus voltages, and temperature sensors for real-time feedback loops.
### C. Communication Interfaces
The part integrates standard industrial communication protocols:
* **UART:** For asynchronous serial communication.
* **I2C:** For peripheral sensor interfacing.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
## 3. Part Number Decoder (Breakdown)
While Toshiba's internal codes can be complex, the suffixing usually indicates:
* **M3H:** Cortex-M3 High-voltage/High-functionality group.
* **43:** Specific pin count and memory density indicator.
* **TDD:** Specific hardware revision or feature set (e.g., specialized timers).
* **-R:** Generally indicates the "Tape and Reel" packaging format for automated SMT assembly.
---
## 4. Typical Applications
Due to its integrated motor control hardware, this electronic part is commonly found in:
1. **Home Appliances:** Washing machines, refrigerators (compressor control), and air conditioners.
2. **Industrial Equipment:** Small pumps, fans, and conveyor belt motors.
3. **Consumer Electronics:** PC cooling fans and power supply management.
---
- ⤷
What are the specific power consumption ratings for the M3H43TDD-R in sleep mode?
- ⤷ Does this microcontroller support Field Oriented Control (FOC) for brushless DC motors?
- ⤷ What is the pin count and physical dimension of the TDD package variant?