M3H44FBD-R
AI

The **M3H44FBD-R** belongs to the **TOSHIBA TXZ+ Family** (M3H Group). This is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core. It is designed specifically for motor control, consumer electronics, and industrial automation.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Frequency** | 120 MHz |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP100 (14x14mm) |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Core Functional Blocks
#### A. Advanced Programmable Motor Control (A-PMD)
The "M" in M3H signifies its strength in motor applications. It features a specialized motor control circuit capable of:
* Three-phase PWM output.
* Synchronized control with the ADC for precise current sensing.
* Emergency stop functions via external input pins.
#### B. Analog-to-Digital Converter (ADC)
It includes a high-speed, high-resolution **12-bit ADC**. This is critical for capturing sensor data (like temperature, pressure, or motor position) with high accuracy and low latency.
#### C. Communication Interfaces
The chip is equipped with multiple standard protocols to interact with other electronic parts:
* **UART:** For serial communication.
* **I2C:** For peripheral sensors and EEPROMs.
* **TSPI:** Toshiba's high-speed Serial Peripheral Interface.
---
### 3. Part Number Decoder
Understanding the "M3H44FBD-R" suffix helps identify the specific physical characteristics:
* **M3H:** The Group name (ARM Cortex-M3 High-speed).
* **4:** Performance / Feature set indicator.
* **4:** Memory density (512KB Flash).
* **F:** Pin count (100 pins).
* **BD:** Package type (LQFP).
* **-R:** Indicates "Tape and Reel" packaging for automated assembly.
---
### 4. Application Examples
Due to its 5V support and robust motor control peripherals, it is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners (inverter control).
2. **Industrial Equipment:** Small pumps, fans, and factory automation sensors.
3. **Power Management:** Digital power supply controllers.
---
- ⤷
What are the main differences between the M3H and M4K groups in the Toshiba TXZ+ family?
- ⤷ How does the A-PMD unit simplify BLDC motor control?
- ⤷ Is there a recommended development board for testing the M3H44FBD-R?