AI

## Overview of M3H44TAG-R
The **M3H44TAG-R** is an Electronic Shelf Label (ESL) or digital tag, typically manufactured by companies like **SOLUM** (a Samsung Electro-Mechanics spinoff). These devices are designed to replace traditional paper price tags in retail environments, using low-power wireless communication and E-Paper displays.
---
### Core Electronic Components
The internal architecture of the M3H44TAG-R consists of several key electronic subsystems:
| Component Category | Part / Technology Used | Function |
| :--- | :--- | :--- |
| **Display Panel** | E-Ink / E-Paper (EPD) | Provides high-contrast, multi-color (Black/White/Red) visuals. Consumes power only when updating. |
| **Microcontroller (MCU)** | ARM Cortex-based | The "brain" that manages data processing, image rendering, and sleep modes. |
| **RF Transceiver** | 2.4GHz IEEE 802.15.4 | Handles wireless communication with the ESL Gateway (Access Point). |
| **Power Source** | Lithium Coin Cell Batteries | Typically 2x CR2450 or similar, providing 5–10 years of life. |
| **NFC Chip** | Integrated Passive NFC | Allows for "tap-to-pair" functionality or smartphone interaction. |
| **LED Indicator** | Multi-color LED | Used for flashing alerts (e.g., "Out of Stock" or "Order Picking"). |
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | Proprietary 2.4GHz (Zigbee-based architecture) |
| **Display Colors** | Typically 3-Color (Black, White, Red) |
| **Operating Temperature** | 0°C to 40°C (Standard Retail Environment) |
| **Battery Life** | Up to 10 years (based on 2 updates per day) |
| **Encryption** | AES-128 bit for secure data transmission |
---
### Key Electronic Features
1. **Bistable Display Technology**: The E-ink screen is bistable, meaning the electronics only draw current when the image changes. Once the price is set, the image remains visible even if the batteries are removed.
2. **Ultra-Low Power Wake-up**: The RF circuit spends most of its time in a "Deep Sleep" state. It periodically wakes up for a few milliseconds to check for "Heartbeat" signals from the central server to see if a price update is pending.
3. **NFC Integration**: The inclusion of an NFC antenna allows store associates to link a product's barcode to the specific tag using a handheld PDA or smartphone.
---
### Typical Circuit Block Diagram
```mermaid
graph LR
A[Battery CR2450] --> B[Power Management IC]
B --> C[MCU / CPU]
C --> D[2.4GHz Radio]
C --> E[E-Ink Display Driver]
C --> F[NFC Interface]
D <--> G[Internal Antenna]
```
---
- ⤷
How do I replace the batteries in the M3H44TAG-R?
- ⤷ What is the specific display resolution of this ESL model?
- ⤷ Can this tag be used in freezer environments (-20°C)?