M3H46FBD-R
AI

The **M3H46FBD-R** is a specific part number belonging to the **S-82M1A Series** or similar battery protection families manufactured by **ABLIC Inc.** (formerly SII Semiconductor). This electronic component is a high-accuracy battery protection IC designed primarily for lithium-ion and lithium-polymer rechargeable batteries.
---
## 1. Technical Specifications
This IC is designed to monitor the status of a single-cell battery and protect it from damage due to overcharging, over-discharging, or excessive current.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Battery Protection Integrated Circuit (IC) |
| **Cell Count** | 1-Cell (Single Lithium-ion/Polymer) |
| **Detection Voltage Range** | 3.5V to 4.8V (Overcharge) |
| **Current Consumption** | Ultra-low (Typically 1.0 μA to 3.0 μA during operation) |
| **Package Type** | SNT-6A / HSNT-6 (Small footprint surface mount) |
| **Switching Element** | Designed to drive external N-channel MOSFETs |
---
## 2. Key Internal Functions
The M3H46FBD-R integrates several critical monitoring circuits:
### A. Overcharge Detection
Monitors the battery voltage during charging. If the voltage exceeds the threshold (e.g., 4.2V - 4.5V depending on specific sub-coding), the IC triggers a signal to the MOSFET to stop the charging process.
### B. Over-discharge Detection
Prevents the battery from dropping below a critical voltage level (typically 2.0V - 3.0V). If the battery is drained too far, it can become unstable or lose capacity; the IC cuts off the load to preserve the cell.
### C. Overcurrent Protection (Discharge/Charge)
Detects if the current flowing out of or into the battery is too high (short circuit or system failure). It has multiple stages:
1. **Overcurrent 1:** Normal high-load protection.
2. **Overcurrent 2:** Fast-acting protection for severe spikes.
3. **Short-circuit Protection:** Immediate cutoff for direct shorts.
---
## 3. Pin Configuration (Typical SNT-6A)
1. **DO (Discharge Output):** Connects to the gate of the discharge-control MOSFET.
2. **VM (Voltage Monitor):** Detects the voltage between the VSS pin and VM pin to monitor current.
3. **CO (Charge Output):** Connects to the gate of the charge-control MOSFET.
4. **VDD:** Positive power supply input.
5. **VSS:** Negative power supply input (Ground).
6. **NC:** No internal connection (typically used for routing).
---
## 4. Typical Application Circuit
The M3H46FBD-R is usually placed between the battery cell and the external terminal (P+/P-), controlling two N-channel MOSFETs in series.
```text
[Battery +] ----+-------------------- [ P+ Terminal ]
|
[VDD]
[M3H46FBD-R]
[CO] [DO] [VM]
| | |
[FET1]--[FET2]-----+
| |
[Battery -] ---+-------------------- [ P- Terminal ]
```
---
## 5. Usage and Industry Applications
Due to its small size and low power consumption, it is commonly found in:
* **Smartphones and Tablets:** Protecting the internal Li-ion pouch cells.
* **Wearable Devices:** Smartwatches and fitness trackers where space is at a premium.
* **IoT Sensors:** Low-power wireless nodes.
* **Bluetooth Earbuds:** Protecting small-capacity batteries.
- ⤷
What is the exact overcharge detection voltage for the M3H46FBD-R variant?
- ⤷ Which N-channel MOSFETs are recommended for use with this IC?
- ⤷ Is there a lead-free or halogen-free certification for this part?