M3H46TAG-R
AI

The **M3H46TAG-R** belongs to the Renesas **M3H Group** of microcontrollers, which is part of the **RA Family** (specifically based on the Arm® Cortex®-M33 core). These components are designed for industrial and consumer applications requiring low power consumption and high functional safety.
---
## 1. Technical Specifications Overview
The "M3H46TAG-R" identifier corresponds to a specific configuration of memory, pins, and thermal rating.
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M33 |
| **Max Frequency** | 120 MHz |
| **Flash Memory** | 1 MB |
| **SRAM** | 128 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | TQFP-100 (14x14 mm, 0.5 mm pitch) |
| **Temperature Range** | -40°C to +85°C |
---
## 2. Key Electronic Functional Blocks
The internal circuitry is divided into several specialized units that handle processing, sensing, and communication:
### A. Analog Peripherals
This chip is heavily geared toward sensor interfacing and motor control:
* **ADC (Analog-to-Digital Converter):** Dual 12-bit units with high-speed sampling.
* **DAC (Digital-to-Analog Converter):** 8-bit or 12-bit units for signal generation.
* **Comparators:** High-speed analog comparators for over-current protection.
### B. Communication Interfaces
It supports standard industrial protocols:
* **CAN FD:** High-speed Controller Area Network for automotive and industrial bus systems.
* **UART/SPI/I2C:** Multiple channels for interfacing with sensors and displays.
* **USB 2.0:** Full-speed device/host support.
### C. Timers and Control
* **PWM Timers:** Advanced 16-bit and 32-bit timers specifically optimized for 3-phase motor control and power conversion.
* **RTC:** Real-time clock for time-keeping applications.
---
## 3. Reliability and Security
The M3H series integrates specific electronic hardware to ensure system stability:
1. **TrustZone®:** Hardware-level isolation for secure data processing.
2. **ECC (Error Correction Code):** The SRAM includes ECC to detect and correct single-bit errors, preventing system crashes in noisy environments.
3. **WDT (Watchdog Timer):** Independent clock source to reset the MCU if the software hangs.
---
## 4. Application Examples
Due to its 5V support and Cortex-M33 core, this part is commonly found in:
* **Home Appliances:** Washing machines and air conditioners (motor control).
* **Industrial Automation:** Sensor hubs and programmable logic controllers (PLCs).
* **Power Management:** Inverters and battery management systems.
- ⤷
What are the differences between the M3H group and the M4H group in Renesas MCUs?
- ⤷ How does the TrustZone feature enhance security in the M3H46TAG-R?
- ⤷ Which development tools are recommended for programming this specific microcontroller?