Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H47TDG-R

  • AI
    The **M3H47TDG-R** is a high-performance, N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency power management and switching applications. --- ## 1. Technical Specifications Below are the key electrical characteristics typically associated with this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Transistor Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DS}$)** | 30V - 40V | | **Continuous Drain Current ($I_D$)** | ~40A - 50A (Depending on thermal dissipation) | | **$R_{DS(on)}$ (Resistance)** | Very Low (mΩ range) | | **Package Type** | PDFN / DFN (Surface Mount) | | **Configuration** | Single MOSFET | --- ## 2. Key Features * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, which is critical for maintaining high efficiency in power supplies. * **Fast Switching:** Designed to handle high-frequency switching with minimal gate charge ($Q_G$). * **Trench Technology:** Uses advanced trench cell design to achieve high cell density and lower thermal resistance. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards and suitability for automated "Tape and Reel" assembly. --- ## 3. Pinout and Circuit Role In a typical circuit, the M3H47TDG-R operates with three terminals: 1. **Gate (G):** Controls the "on/off" state of the MOSFET. 2. **Drain (D):** The entry point for the current. 3. **Source (S):** The exit point for the current. ### Typical Application Example ```c // MOSFET as a Switch Logic If (Gate Voltage > Threshold) { Drain-to-Source = Low Resistance (ON); } else { Drain-to-Source = High Resistance (OFF); } ``` --- ## 4. Common Applications * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. * **Battery Protection:** Ideal for BMS (Battery Management Systems) due to low heat generation. * **Motor Control:** Acts as a switch for brushless DC motors. * **Load Switching:** Used in laptops and motherboards to manage power rails.
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for this MOSFET?
    • ⤷ Can this MOSFET be used in high-side switching applications?
    • ⤷ What is the typical gate threshold voltage for the M3H47TDG-R?