Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H51FBG-R

  • AI
    The **M3H51FBG-R** is a high-performance microcontroller unit (MCU) belonging to the **TOSHIBA TXZ+™ Family Advanced Series**. It is based on the **ARM® Cortex®-M3** core and is designed specifically for motor control, industrial automation, and home appliances. --- ### 1. Core Technical Specifications The device is optimized for real-time control and high-speed data processing. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14x14mm) | --- ### 2. Key Electronic Components & Subsystems #### A. Analog Front-End * **A/D Converter (ADC):** Features a 12-bit high-speed ADC (approx. 1.0 $\mu$s conversion time). It includes multiple channels suitable for sensing current and voltage in motor phases. * **Voltage Detection (LVD):** Integrated low-voltage detection circuits to ensure the MCU resets or enters a safe state during power fluctuations. #### B. Advanced Control Timers * **A-PMD (Advanced Programmable Motor Control Circuit):** This is a specialized hardware block that handles 3-phase PWM output. It includes dead-time insertion and can be synchronized with the ADC to trigger conversions at specific points in the PWM cycle. * **A-ENC (Advanced Encoder Economy Circuit):** A hardware decoder for incremental encoders, offloading the CPU from calculating motor position and speed. #### C. Communication Interfaces The M3H51FBG-R supports standard industrial communication protocols: * **UART/SIO:** General asynchronous/synchronous serial communication. * **I2C:** For interfacing with peripheral sensors or EEPROMs. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data exchange. --- ### 3. Application Areas Due to its 5V support and robust ARM core, it is commonly found in: 1. **Consumer Electronics:** Air conditioner outdoor units, washing machines, and refrigerators. 2. **Industrial Equipment:** Small-scale PLC (Programmable Logic Controllers) and factory automation sensors. 3. **Power Management:** Digital power supply controllers and UPS systems. --- ### 4. Part Number Breakdown The suffix **-R** usually denotes the packing style (e.g., Tape and Reel) for automated PCB assembly. ```text M3H - 51 - F - B - G - R | | | | | | Series RAM/ Flash Pkg Temp Tape & (M3H) Flash Type Code Range Reel ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption profiles for the M3H51FBG-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication for automotive applications?
    • ⤷ Which development tools or IDEs are recommended for programming the TXZ+ series?