M3H51TCG-R
AI

The **M3H51TCG-R** is a high-performance, automotive-grade microcontroller part of the **TOSHIBA TXZ+™ Family Advanced Class**. It is based on the **ARM® Cortex®-M3** core and is specifically designed for motor control and industrial automation applications.
---
### 1. Key Technical Specifications
The following table outlines the primary hardware capabilities of the M3H51TCG-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **SRAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP100 (14mm x 14mm) |
| **Operating Temperature** | -40°C to +105°C |
---
### 2. Specialized Electronic Subsystems
#### A. Motor Control Hardware (A-PMD)
The "Advanced Programmable Motor Driver" (A-PMD) is a dedicated circuit that handles 3-phase PWM output. It includes:
* **Three-phase complementary PWM** generation.
* **Dead-time insertion** to prevent short circuits in power stages.
* **Emergency stop input** (EMG) to instantly disable outputs if a fault is detected.
#### B. Advanced Vector Engine (A-VE+)
This is a hardware accelerator that offloads complex mathematical calculations from the CPU. It handles:
* Coordinate transformations (Clarke/Park transformations).
* Sine/Cosine calculations for Field Oriented Control (FOC).
* PI control loops for current regulation.
#### C. High-Speed Analog Interface
To ensure precision in motor current sensing, the chip integrates:
* **12-bit ADC:** High-speed conversion with multiple channels.
* **Sample & Hold:** Synchronized with the PWM carrier to capture current peaks accurately.
---
### 3. Connectivity and Peripherals
The M3H51TCG-R is equipped with various communication interfaces for system integration:
* **UART / I2C / SPI:** Standard serial communication for sensors and external controllers.
* **CAN:** Controller Area Network support for industrial/automotive networking.
* **DMA Controller:** Reduces CPU load by automating data transfers between memory and peripherals.
---
### 4. Implementation Example (Pseudo-code)
Configuring the system clock and initializing a basic GPIO toggle in an ARM environment:
```c
#include "M3H51.h"
void System_Init(void) {
// Enable peripheral clock for Port G
TSB_CG_FSYSENA_IPENA21 = 1;
}
int main(void) {
System_Init();
// Set PG0 as output
TSB_PG_CR_PG0 = 1;
while(1) {
TSB_PG_DATA_PG0 ^= 1; // Toggle pin
for(int i=0; i<100000; i++); // Simple delay
}
}
```
- ⤷
What are the specific advantages of the A-VE+ hardware engine over software-based motor control?
- ⤷ Does the M3H51TCG-R support Functional Safety standards like IEC 60730?
- ⤷ What are the power consumption profiles for this MCU in deep sleep modes?