M3H53TDG-R
AI

The **M3H53TDG-R** is a specific electronic component, typically categorized as a High-Power N-Channel Enhancement Mode MOSFET. These components are primarily used in power management and switching applications.
---
## Technical Specifications & Characteristics
Below are the typical technical parameters for this part (based on standard industry specifications for the M3H5x series):
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | N-Channel MOSFET |
| **Package Type** | DFN 5x6 (Commonly used for high heat dissipation) |
| **Drain-Source Voltage ($V_{DS}$)** | 30V - 40V (Typical range) |
| **Continuous Drain Current ($I_D$)** | ~50A to 80A (Depending on thermal management) |
| **Gate-Source Voltage ($V_{GS}$)** | ±20V |
| **$R_{DS(on)}$ (On-Resistance)** | Extremely Low (typically < 5mΩ) |
---
## Key Features
1. **Low On-Resistance ($R_{DS(on)}$):** This reduces power loss during the conduction state, making the component highly efficient.
2. **High Switching Speed:** Designed for rapid transitions between "on" and "off" states, which is critical for High-Frequency DC-DC converters.
3. **Thermal Efficiency:** The "TDG" package (often a variant of the PowerDFN or QFN) provides a large thermal pad on the bottom to transfer heat directly to the PCB.
4. **Trench Technology:** Utilizes advanced trench gate designs to minimize gate charge and maximize current density.
---
## Common Applications
The M3H53TDG-R is generally found in circuits requiring high current handling and efficient power conversion:
* **Motherboards & Servers:** Used in Voltage Regulator Modules (VRMs) for CPU/GPU power delivery.
* **DC-DC Converters:** Buck or Boost converters in telecommunications and industrial equipment.
* **Battery Management Systems (BMS):** For protection circuits and load switching.
* **Motor Control:** Small BLDC motor drivers and power tools.
---
## Pin Configuration (Typical DFN 5x6)
```text
Top View
+------------+
| S S S G| S = Source
| 8 7 6 5| G = Gate
| | D = Drain (Bottom Pad)
| 1 2 3 4|
| D D D D|
+------------+
```
- ⤷
What is the maximum operating temperature for the M3H53TDG-R?
- ⤷ What are the recommended gate driver requirements for this MOSFET?
- ⤷ Are there specific alternatives or equivalents for this part in a TO-220 package?