M3H54FBG-R
AI

The **M3H54FBG-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers developed by **Toshiba**. These microcontrollers are based on the ARM® Cortex®-M3 core and are designed for high-speed data processing and consumer/industrial motor control.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **Temperature Range** | -40°C to +85°C |
---
### 2. Core Architectural Components
The "Electronic Parts" within this MCU can be broken down into several functional blocks:
#### A. Processing & Memory
* **Cortex-M3 Core:** Optimized for cost-sensitive applications while maintaining high performance and low power consumption.
* **Code Flash:** Stores the firmware. It supports high-speed access and rewritability.
* **Data Flash (32KB):** Dedicated non-volatile memory for data storage, eliminating the need for external EEPROMs.
#### B. Analog-to-Digital Conversion (ADC)
* Equipped with a **12-bit ADC** capable of high-speed conversion (approx. 1.5µs).
* Multiple channels allow for simultaneous monitoring of sensor inputs, voltage levels, and current feedback in motor control.
#### C. Timers and PWM (Advanced Control)
* **A-PMD (Advanced Programmable Motor Control):** A specialized hardware block designed to generate 3-phase PWM waveforms for Brushless DC (BLDC) motor control.
* **Encoder Input:** Includes hardware support for incremental encoders to track motor position/speed without heavy CPU overhead.
#### D. Communication Interfaces
The chip integrates standard serial communication peripherals to interact with other electronic components:
* **UART:** For asynchronous serial communication.
* **I2C:** For sensor and EEPROM interfacing.
* **TSPI:** Toshiba's high-speed Serial Peripheral Interface for fast data exchange.
---
### 3. Application Use Cases
Due to its 5V support and robust motor control peripherals, the M3H54FBG-R is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners (inverter control).
2. **Industrial Equipment:** Small pumps, fans, and conveyor controllers.
3. **Office Automation:** Printers and scanners.
---
### 4. Part Number Decoder (M3H54)
* **M3H:** ARM Cortex-M3 High-speed group.
* **54:** Specific peripheral set and pin count configuration.
* **F:** 128KB Flash memory indicator.
* **BG:** Package code (LQFP).
* **-R:** Generally indicates Tape & Reel packaging for automated assembly.
- ⤷
What are the power consumption characteristics of the M3H54 series in standby mode?
- ⤷ Which development tools or IDEs are compatible with Toshiba TXZ+ microcontrollers?
- ⤷ Does the M3H54FBG-R support hardware encryption for secure data handling?