M3H55TCG-R
AI

The **M3H55TCG-R** is a high-performance, automotive-grade microcontroller (MCU) from the **Toshiba TXZ+™ Family Advanced Series**. It is based on the ARM® Cortex®-M3 core and is specifically designed for motor control and consumer electronics requiring high precision.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **SRAM** | 12 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP64 (10mm x 10mm) |
| **Temperature Range** | -40°C to +85°C |
---
### 2. Specialized Hardware Blocks
The M3H55TCG-R is distinguished by its integration of hardware accelerators that offload the CPU:
* **A-PMD (Advanced Programmable Motor Control):** A specialized 3-phase PWM output timer capable of controlling brushless DC (BLDC) motors with minimal CPU intervention.
* **A-ENC (Advanced Encoder Interface):** Supports 2-phase incremental encoder input, essential for high-precision position sensing in robotics and appliances.
* **A-ADC (Advanced Analog-to-Digital Converter):** A 12-bit ADC with high-speed conversion (approx. 1.0 $\mu s$), synchronized with the PWM for accurate current sensing.
---
### 3. Communication and Connectivity
The device includes a robust set of standard peripherals for industrial interfacing:
* **UART:** Up to 4 channels for serial communication.
* **I2C:** 2 channels for sensor and EEPROM interfacing.
* **TSPI:** 3 channels of High-speed Serial Peripheral Interface.
* **Remote Control Signal Preprocessor:** Integrated hardware to decode IR remote signals.
---
### 4. Target Applications
Due to its high frequency and specialized motor timers, the M3H55TCG-R is commonly used in:
1. **Home Appliances:** Washing machines, air conditioners (inverters), and refrigerators.
2. **Industrial Equipment:** Small-scale pumps, fans, and conveyor controllers.
3. **Consumer Electronics:** High-end audio systems and smart home devices.
---
### 5. Safety and Reliability
As part of the TXZ+ series, it includes functional safety features such as:
* **Flash Memory with ECC:** Error Correction Code to prevent data corruption.
* **RAM Parity:** Detection of memory bit-flips.
* **Clock Monitor:** Detects abnormal oscillator behavior.
- ⤷What are the primary differences between the M3H and M4H series from Toshiba?
- ⤷ Can you provide a code example for initializing the A-PMD timer?
- ⤷ What development tools or IDEs support the M3H55TCG-R?