M3H55TDD-R
AI

The **M3H55TDD-R** is a specific part number belonging to the **M3H Series** of microcontrollers developed by **Toshiba**. This series is based on the Arm® Cortex®-M3 core and is specifically designed for high-performance motor control and digital consumer electronics.
---
## 1. Core Technical Specifications
The following table summarizes the primary electronic characteristics of the M3H55TDD-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz to 80 MHz (depending on configuration) |
| **Flash Memory** | 128 KB |
| **SRAM** | 12 |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
| **I/O Pins** | Multiple GPIOs with high-drive capability |
---
## 2. Key Integrated Components
The M3H55TDD-R contains several specialized electronic blocks that make it suitable for industrial automation:
### A. Advanced Programmable Motor Control (A-PMD)
This is the most critical part of the chip. It is a hardware logic block designed to:
* Generate 3-phase PWM (Pulse Width Modulation) waveforms.
* Control Brushless DC (BLDC) motors with minimal CPU intervention.
* Include dead-time insertion to prevent short circuits in power stages.
### B. Analog-to-Digital Converter (ADC)
* **Resolution:** 12-bit.
* **Speed:** High-speed conversion (approx. 1.0 µs).
* **Purpose:** Used for monitoring current feedback, temperature sensors, and voltage rails.
### C. Communication Interfaces
The chip includes standard peripheral blocks:
* **UART:** For serial communication.
* **I2C:** For sensor interfacing.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
## 3. Application Use Cases
Because of its specific electronic architecture, the M3H55TDD-R is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners (compressor control), and vacuum cleaners.
2. **Industrial Equipment:** Small pumps, fans, and conveyor belt controllers.
3. **Office Automation:** Precision motor control in printers and scanners.
---
## 4. Programming and Development
Development for this part typically involves the following toolchain:
```c
// Example: Basic GPIO Initialization Snippet for M3H Series
void GPIO_Init(void) {
// Enable Clock for Port
TSB_CG_FSYSENA_IPEN11 = 1;
// Set Pin as Output
TSB_PG_CR_PG0C = 1;
// Write High to Pin
TSB_PG_DATA_PG0D = 1;
}
```
- ⤷
What are the specific power consumption ratings for the M3H55TDD-R in sleep mode?
- ⤷ Does this microcontroller support Vector Control for BLDC motors?
- ⤷ What is the pin count and physical dimension of the LQFP package for this part?