M3H56TDD-R
AI

The **M3H56TDD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers developed by **Toshiba**.
This component is based on the high-performance **ARM® Cortex®-M3** core and is designed for applications requiring high-speed data processing and robust motor control.
---
### 1. Key Technical Specifications
The following table summarizes the primary hardware characteristics of the M3H56TDD-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 512 KB (Code) + 32 KB (Data) |
| **RAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
| **Operating Temperature** | -40°C to 85°C |
---
### 2. Core Electronic Subsystems
#### A. Analog-to-Digital Conversion (ADC)
The M3H56TDD-R is equipped with a high-speed, high-resolution **12-bit ADC**.
* **Channels:** Up to 20 channels.
* **Speed:** 1.5 $\mu$s conversion time.
* **Usage:** Crucial for monitoring sensor inputs and feedback loops in power electronics.
#### B. Motor Control Features (A-PMD)
One of the standout features of this chip is the **Advanced Programmable Motor Driver (A-PMD)**.
* It supports 3-phase complementary PWM output.
* It includes emergency shutdown capabilities (via an OPAmp/Comparator trigger) to protect the hardware in case of overcurrent.
#### C. Connectivity & Interfaces
The part includes a wide variety of serial communication protocols:
* **UART:** Up to 6 channels.
* **I2C:** Up to 4 channels.
* **TSPI (Serial Peripheral Interface):** Up to 4 channels.
---
### 3. Application Use Cases
Due to its 5V operation support and the Cortex-M3 efficiency, this part is commonly used in:
1. **Home Appliances:** Washing machines, air conditioners, and refrigerators (Inverter control).
2. **Industrial Equipment:** Small-to-medium-sized motor drives and factory automation sensors.
3. **Power Management:** Digital power supply controllers.
---
### 4. Part Number Breakdown
The suffix **"-R"** typically denotes the packaging format, usually referring to **Tape and Reel** delivery for automated SMT (Surface Mount Technology) assembly lines.
- ⤷
What are the specific power consumption profiles for the M3H56TDD-R in sleep mode?
- ⤷ Does this microcontroller support functional safety standards like IEC 60730?
- ⤷ How does the A-PMD unit compare to standard PWM modules for motor control?