M3H61FBG-R
AI

The **M3H61FBG-R** is a high-performance N-Channel Enhancement Mode Power MOSFET typically used in power management and switching applications. It is manufactured by companies like **STMicroelectronics** or specialized power semiconductor vendors (often part of the M3 series).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the M3H61FBG-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 60V |
| **Continuous Drain Current** | $I_D$ | ~70A - 80A (Package dependent) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 7.5 mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | Package | PDFN5x6 (PowerDFN) |
---
### 2. Functional Features
The M3H61FBG-R is engineered for efficiency in high-speed switching environments. Its core features include:
* **Low $R_{DS(on)}$:** This minimizes conduction losses, meaning the component generates less heat while carrying high current.
* **High Density Cell Design:** Utilizes advanced trench technology to achieve extremely low gate charge ($Q_g$), which improves switching speed.
* **Thermal Efficiency:** The PDFN5x6 package provides an underside thermal pad, allowing for superior heat dissipation into the PCB compared to traditional TO-220 or DPAK packages.
* **Logic Level Compatibility:** Often designed to be triggered by low gate voltages, making it compatible with many microcontrollers and PWM controllers.
---
### 3. Application Use Cases
This MOSFET is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used as a switching element in buck or boost regulators for servers and telecommunications.
2. **Motor Control:** Ideal for H-bridge configurations in brushless DC (BLDC) motor drivers.
3. **Battery Management Systems (BMS):** Acts as a protection switch for high-current battery packs.
4. **Load Switching:** Used to turn peripheral power rails on/off within high-performance computing hardware.
---
### 4. Typical Connection Diagram (Pinout)
The PDFN5x6 package usually follows a standard industrial pinout to ensure drop-in compatibility:
```text
Top View (PDFN5x6)
+-----------------+
1 | Source Drain | 8
2 | Source Drain | 7
3 | Source Drain | 6
4 | Gate Drain | 5
+-----------------+
(Bottom Pad = Drain)
```
- ⤷
What are the equivalent alternative parts for the M3H61FBG-R?
- ⤷ How does the gate charge (Qg) affect the switching frequency in this MOSFET?
- ⤷ What is the maximum operating junction temperature for this device?