M3H62FCD-R
AI

The **M3H62FCD-R** is an integrated circuit (IC) belonging to the **TOSHIBA TXZ3 series**, specifically part of the **M3H group**. This group is based on the ARM® Cortex®-M3 core, designed for high-performance motor control and consumer electronics.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the M3H62FCD-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 12 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **I/O Pins** | 87 pins (Total) |
| **Package Type** | LQFP100 (14mm x 14mm) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Specialized Electronic Subsystems
The "R" suffix and the M3H series architecture include specific electronic components integrated into the die to handle complex tasks:
#### A. Motor Control Hardware
One of the defining features of this IC is its specialized hardware for motor driving:
* **A-PMD (Advanced Programmable Motor Driver):** A dedicated hardware block that generates PWM (Pulse Width Modulation) signals. It includes "dead time" control to prevent short circuits in external MOSFET power stages.
* **A-ENC (Advanced Encoder Design):** A hardware interface designed to process feedback from incremental encoders (Phase A, B, and Z signals).
#### B. Analog Peripheral Block
To interface with the physical world, the chip contains high-precision analog-to-digital converters:
* **12-bit ADC:** Features high-speed conversion (approx. 1.5 μs) used for monitoring current and voltage in real-time.
* **VREF:** Internal reference voltage support for stable analog measurements.
#### C. Communication Interfaces
The part includes standard digital communication blocks:
* **UART:** 4 channels for serial data transfer.
* **I2C:** 2 channels for peripheral communication.
* **TSPI:** 2 channels (Toshiba Serial Peripheral Interface) for high-speed synchronous communication.
---
### 3. Application Examples
The electronic architecture makes the M3H62FCD-R ideal for:
1. **Home Appliances:** Washing machine motors, air conditioner compressors.
2. **Office Automation:** Printers and multifunction scanners.
3. **Industrial Equipment:** Small-scale robotic arms and automated pumps.
---
### 4. Part Number Decoder (Quick Reference)
| Prefix | Series | Group | RAM/Flash Code | Package |
| :--- | :--- | :--- | :--- | :--- |
| **M** | Microcontroller | **3H** (Cortex-M3) | **62** (Identifier) | **FCD** (LQFP100) |
- ⤷
What are the power consumption profiles for the M3H62FCD-R in sleep mode?
- ⤷ Does this chip support CAN bus communication for automotive applications?
- ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ3 series MCUs?