M3H73TAG-R
AI

The **M3H73TAG-R** is a specific surface-mount electronic component, typically categorized as a **Resistor Network** (also known as a Resistor Array). These parts are used to consolidate multiple resistors into a single package to save space on a Printed Circuit Board (PCB).
---
### 1. Key Technical Specifications
Based on standard industry nomenclature for this series, here are the likely technical attributes:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Resistor Network / Array |
| **Package Style** | Surface Mount (SMD) - Convex or Concave terminations |
| **Circuit Type** | Isolated or Common Bus (typically Isolated) |
| **Number of Resistors** | Usually 4 or 8 elements per package |
| **Resistance Value** | Defined by the "73" or "7" coding (often 4.7kΩ or 75Ω depending on manufacturer) |
| **Tolerance** | Typically ±5% (J) or ±1% (F) |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Internal Construction
The "TAG" designation often refers to the termination style and the internal arrangement of the resistive elements.
* **Substrate:** High-purity alumina ceramic.
* **Resistive Element:** Thick film metal glaze.
* **Terminations:** Matte Tin (Sn) over Nickel (Ni) barrier to prevent leaching during soldering.
* **Protection:** Epoxy or glass overcoat for environmental protection.
---
### 3. Common Applications
These components are widely used in digital electronics where multiple lines require the same resistance value.
1. **Pull-up/Pull-down Resistors:** Used for I2C, SPI, or parallel data buses to ensure logic levels are stable.
2. **Termination:** Used in high-speed digital circuits to prevent signal reflection.
3. **LED Current Limiting:** Driving multiple LEDs from a single microcontroller port.
4. **DDR Memory Arrays:** Managing signal integrity on memory address lines.
---
### 4. Advantages of using M3H73TAG-R
* **Space Efficiency:** Replaces 4 to 8 individual 0402 or 0603 resistors with a single chip.
* **Assembly Speed:** Reduces the number of "picks and places" the SMT machine has to perform.
* **Cost:** Lower overall bill-of-materials (BOM) cost compared to discrete components.
* **Matching:** Because the resistors are on the same substrate, they exhibit very similar temperature coefficients (TCR tracking).
- ⤷What is the exact resistance value of the M3H73TAG-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the footprint dimensions for this component?