M3H77FBG-R
AI

The **M3H77FBG-R** is a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module manufactured by **SK hynix**. It is specifically designed as a high-density, high-speed memory solution for servers and enterprise workstations.
---
## 1. Core Technical Specifications
The following table outlines the fundamental hardware characteristics of the M3H77FBG-R:
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR5 SDRAM |
| **Form Factor** | RDIMM (Registered DIMM) |
| **Capacity** | 128 GB |
| **Speed** | 4800 MT/s (PC5-4800B) |
| **Voltage** | 1.1V (VDD/VDDQ) |
| **Error Correction** | ECC (Error Correction Code) |
| **CAS Latency** | CL40 |
---
## 2. Key Electronic Components
The module is composed of several critical electronic sub-parts that work in unison to handle massive data throughput:
### A. DDR5 Memory Chips (DRAM)
The module uses **16Gb or 24Gb die densities** (depending on the specific revision) organized in a stacked or multi-rank configuration to achieve the 128GB capacity. These chips utilize the 1.1V standard, which reduces power consumption compared to DDR4.
### B. Register Clock Driver (RCD)
As an **RDIMM**, this part contains an RCD chip. This component buffers the command and address signals from the memory controller, reducing the electrical load on the system bus. This allows the server to support more memory modules without signal degradation.
### C. Power Management Integrated Circuit (PMIC)
Unlike previous generations, DDR5 modules like the M3H77FBG-R move power management from the motherboard directly onto the DIMM.
* **Function:** It regulates the 12V input from the motherboard down to the 1.1V required by the DRAM.
* **Benefit:** Provides better power efficiency and noise reduction.
### D. SPD Hub and Thermal Sensors
The module includes a **Serial Presence Detect (SPD)** hub that stores configuration data. It also features integrated thermal sensors that allow the system to monitor the module's temperature in real-time, triggering cooling or throttling if necessary.
---
## 3. Advanced Features
* **On-Die ECC:** In addition to the standard bus ECC, the individual chips have internal error correction to improve reliability at higher densities.
* **Dual 32-bit Subchannels:** DDR5 splits the 64-bit data bus into two independent 32-bit channels, improving efficiency and reducing latency for data access.
* **Decision Feedback Equalization (DFE):** Electronic circuitry that minimizes ISI (Inter-Symbol Interference) to ensure signal integrity at high speeds (4800MHz+).
---
- ⤷How does the integrated PMIC in DDR5 improve server stability compared to DDR4?
- ⤷ What is the difference between On-Die ECC and sideband ECC on this module?
- ⤷ Is this module compatible with consumer-grade Intel Core or AMD Ryzen processors?