M3H78FCD-R
AI

The **M3H78FCD-R** belongs to the **M3H Group** of microcontrollers based on the Arm® Cortex®-M3 core, manufactured by **Toshiba Electronic Devices & Storage Corporation**. This specific part is designed for high-performance motor control and consumer electronics.
---
### 1. Key Technical Specifications
The following table outlines the primary hardware capabilities of the M3H78FCD-R:
| Feature | Specification |
| :--- | :--- |
| **CPU Core** | Arm® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz - 80 MHz (depending on clock configuration) |
| **Flash Memory** | 128 KB |
| **SRAM** | 12 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **A/D Converter** | 12-bit (Multiple channels) |
---
### 2. Functional Electronic Blocks
The internal architecture is divided into several specialized blocks that handle distinct tasks:
#### A. Core & System
* **Cortex-M3 Processor:** A 32-bit RISC processor known for high energy efficiency and low interrupt latency.
* **Memory Protection Unit (MPU):** Enhances system reliability by preventing unauthorized memory access.
#### B. Timers and Motor Control
This chip is optimized for **Motor Control**. It includes:
* **A-PMD (Advanced Programmable Motor Driver):** A specialized hardware block that generates 3-phase PWM signals for controlling BLDC (Brushless DC) motors.
* **VE (Vector Engine):** Some variants in this family include a hardware engine to offload complex vector control calculations (Trigonometric functions) from the CPU.
#### C. Analog Peripherals
* **12-bit ADC:** Fast conversion speed (approx. 1.0 $\mu$s) used for sensing current and voltage feedback in real-time.
* **Comparator:** Used for overcurrent protection to trigger emergency shutdowns of the motor driver.
#### D. Communication Interfaces
* **UART:** Universal Asynchronous Receiver/Transmitter for serial debugging.
* **I2C / SPI:** For communicating with external sensors, EEPROMs, or displays.
---
### 3. Application Use-Cases
Due to its integrated motor driver logic and 5V power supply compatibility, the M3H78FCD-R is commonly found in:
1. **Home Appliances:** Washing machines, air conditioner fans, and refrigerators.
2. **Office Automation:** Printers and high-precision scanners.
3. **Industrial Equipment:** Small pumps and conveyor belt controllers.
---
### 4. Part Number Breakdown
* **M3H:** Toshiba TXZ Family (Arm Cortex-M3 High-speed)
* **78:** Sub-series designation
* **F:** Flash Memory type
* **CD:** Memory density / Pin count code
* **-R:** Packaging (Reel/Tape)
- ⤷
What are the specific advantages of the Advanced Programmable Motor Driver (A-PMD) in this chip?
- ⤷ Does the M3H78FCD-R support functional safety standards like IEC 60730?
- ⤷ What software development tools are compatible with the Toshiba TXZ series?