M3R14FAJ-R
AI

Based on the part number provided, the **M3R14FAJ-R** is typically a high-precision **SMD (Surface Mount Device) Crystal Oscillator**. These components are critical for providing a stable clock signal in digital circuits.
---
### Technical Specifications
Below is a breakdown of the typical characteristics for this series of oscillators:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Frequency Crystal Oscillator (SPXO) |
| **Package Type** | SMD (Surface Mount) |
| **Package Size** | Typically 5.0 x 7.0 mm or 3.2 x 5.0 mm (J-Lead/LCC) |
| **Output Type** | CMOS / TTL |
| **Operating Voltage** | Usually 3.3V or 5.0V |
| **Frequency Stability** | ±25ppm to ±100ppm (depending on grade) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### Key Internal Components
An oscillator like the M3R14FAJ-R consists of several internal electronic parts integrated into a single hermetically sealed package:
1. **Quartz Crystal Blank:** The heart of the device. It uses the piezoelectric effect to vibrate at a precise frequency when voltage is applied.
2. **Oscillator IC:** A small silicon chip containing the transistor circuitry required to sustain oscillation and buffer the output signal.
3. **Varactor/Capacitors:** Internal load capacitors used to tune the crystal to the exact target frequency.
4. **Gold-Plated Pads:** Used for reliable soldering and electrical connectivity to the PCB.
---
### Pin Configuration (Standard 4-Pin)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **2** | GND | Case Ground / Negative Power Supply |
| **3** | Output | The Clock Signal (Square Wave) |
| **4** | Vdd | Positive Power Supply |
---
### Common Applications
* **Networking:** Routers, switches, and modems requiring precise timing for data packets.
* **Embedded Systems:** Microcontrollers (MCUs) and FPGAs that need an external clock source.
* **Industrial Automation:** PLCs and sensors operating in harsh temperature environments.
- ⤷
What is the exact frequency of the M3R14FAJ-R variant you are using?
- ⤷ How does the Tri-state (Enable/Disable) function work in this oscillator?
- ⤷ What are the soldering layout requirements for this SMD package size?