M3R23FAJ-R
AI

The **M3R23FAJ-R** is a high-precision, industrial-grade crystal oscillator. Specifically, it belongs to the **M3R** series of Oven Controlled Crystal Oscillators (OCCO) or high-stability TCXOs (Temperature Compensated Crystal Oscillators) manufactured by companies like MtronPTI.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO/VC-TCXO) |
| **Package Style** | 9x14 mm J-Lead (Surface Mount) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage** | Typically 3.3V or 5.0V (Variant dependent) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Part Number Breakdown (Nomenclature)
The part number can be decoded to understand its specific electronic behavior:
* **M3R**: Series designation (Surface Mount 9x14mm).
* **23**: Stability and Supply Voltage code (often indicating ±2.5ppm or ±1.0ppm stability).
* **F**: Operating Temperature Range (typically -40°C to +85°C).
* **A**: Symmetry/Duty Cycle requirements (typically 40/60%).
* **J**: Frequency Pulling or Output characteristic (e.g., ±5ppm min).
* **R**: RoHS Compliant / Tape and Reel packaging.
---
### 3. Key Electronic Characteristics
#### A. Frequency Stability
This part is designed for applications where timing precision is critical. It maintains a stable frequency output despite changes in ambient temperature. This is achieved through an internal compensation network that adjusts the crystal's load capacitance.
#### B. HCMOS Output
The "J" suffix often denotes an HCMOS output.
* **Logic High (Voh):** 90% of Vdd (min).
* **Logic Low (Vol):** 10% of Vdd (max).
* **Rise/Fall Time:** Usually < 5ns, allowing for clean high-speed digital clocking.
#### C. Control Voltage (VC-TCXO Variant)
If used as a VC-TCXO, the device allows for "Frequency Tuning." An external voltage applied to a specific pin can shift the output frequency slightly to synchronize with a master clock (Phase Locked Loop applications).
---
### 4. Typical Applications
* **Telecommunications:** Base stations, SONET/SDH, and digital switching.
* **Networking:** High-speed Ethernet switches and routers.
* **Wireless:** GPS receivers and cellular infrastructure.
* **Test Equipment:** Frequency counters and signal generators.
---
### 5. Circuit Implementation Example
When integrating this part into a PCB design, ensure the following layout practices:
```c
// Layout Recommendation:
1. Place a 0.01uF to 0.1uF bypass capacitor as close to the Vdd pin as possible.
2. Keep the output trace short to minimize capacitive loading.
3. Ensure a solid ground plane beneath the oscillator to reduce EMI.
```
- ⤷
What is the specific nominal frequency for your M3R23FAJ-R unit?
- ⤷ Do you need the pinout diagram for the 9x14mm J-lead package?
- ⤷ Are you looking for an equivalent replacement from another manufacturer?