M3R24FCJ-R
AI

The **M3R24FCJ-R** is a specific part number belonging to a series of **Frequency Control Devices**, typically categorized as a **Crystal Oscillator**. These components are essential in electronic circuits for generating stable clock signals.
---
### 1. Component Overview
The "M3R" series is generally manufactured by companies like **MtronPTI**. These are typically **OCXO** (Oven Controlled Crystal Oscillators) or high-stability **TCXO** (Temperature Compensated Crystal Oscillators), though the specific prefix "M3R" often refers to a 9x14mm J-leaded surface mount package.
### 2. Technical Specifications
While exact specifications can vary based on the full datasheet version, here is the general breakdown of this component class:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Crystal Oscillator (XO) / TCXO |
| **Package Type** | J-Lead Surface Mount (SMD) |
| **Package Size** | 9 x 14 mm |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Usually 3.3V or 5.0V |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
### 3. Key Electronic Characteristics
* **Frequency Stability:** This part is designed to maintain a very precise frequency even when environmental temperatures change.
* **J-Lead Configuration:** The "J" in the part number refers to the lead shape. J-leads curve under the body of the component, which provides excellent thermal expansion stress relief during PCB soldering.
* **Tri-state Function:** Most M3R models include a "Tri-state" or "Enable/Disable" pin. This allows the oscillator output to be turned off high-impedance, reducing power consumption when the clock is not needed.
### 4. Common Applications
These parts are used in high-reliability sectors where timing precision is critical:
1. **Telecommunications:** Base stations and networking hardware (SONET/SDH).
2. **Data Communications:** High-speed Ethernet switches and routers.
3. **Instrumentation:** Frequency counters and synthesized signal generators.
4. **Avionics:** Flight control systems requiring stable timing in varying temperatures.
---
### 5. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M3R** | Series Name (9x14mm J-lead) |
| **24** | Stability/Voltage Code (Specific to manufacturer) |
| **F** | Temperature Range Code |
| **C** | Symmetry/Duty Cycle Requirement |
| **J** | Package Style (J-Lead) |
| **-R** | RoHS Compliant / Tape & Reel Packaging |
- ⤷
What is the exact frequency value for the M3R24FCJ-R?
- ⤷ How does a J-lead package compare to a standard Gull-wing lead?
- ⤷ What are the power consumption levels for this oscillator series?