AI

The **M3R26FAJ-R** is a specific part number belonging to the **M3R series** of high-performance crystal oscillators manufactured by **MtronPTI**. These components are typically used in telecommunications, networking, and industrial applications where precision timing is critical.
---
### 1. Component Overview
The M3R26FAJ-R is a **Crystal Clock Oscillator** housed in a surface-mount (SMD) package. It is designed to provide a stable frequency reference for digital circuits.
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | MtronPTI |
| **Series** | M3R (9x14 mm J-Lead Package) |
| **Type** | Fixed Frequency Crystal Oscillator |
| **Output Type** | HCMOS / TTL Compatible |
| **Mounting Type** | Surface Mount (SMD) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown (Decoding)
To understand the exact electronics of the M3R26FAJ-R, we can break down the alphanumeric code based on MtronPTI’s naming convention:
* **M3R**: The series designation (9x14 mm, 3.3V, J-lead package).
* **2**: Operating Voltage. Usually represents **3.3 Volts DC**.
* **6**: Stability/Temperature Range code. This typically defines the frequency stability (e.g., ±25ppm or ±50ppm) over a specific temperature range.
* **FA**: Frequency code or specific internal configuration for HCMOS output.
* **J**: Package style (J-lead for better solder joint reliability during thermal cycling).
* **-R**: RoHS Compliant (Lead-free).
---
### 3. Key Electronic Characteristics
#### A. Output Logic
This part generates a **Square Wave** output. It is compatible with **HCMOS** (High-speed Complementary Metal-Oxide Semiconductor) and **TTL** logic levels, making it versatile for interfacing with FPGAs, Microcontrollers, and DSPs.
#### B. Tri-State Functionality
Most M3R series oscillators include a "Tri-state" or "Output Enable" (OE) pin.
* **High (or Floating):** The oscillator outputs the frequency.
* **Low:** The output goes into a high-impedance state, reducing power consumption and allowing for system testing.
#### C. Physical Construction
The internal electronics consist of a quartz crystal resonator coupled with a CMOS integrated circuit (IC) that provides the oscillation gain and output buffering. The **J-Lead** design is specifically engineered for robust mechanical performance in high-vibration environments.
---
### 4. Typical Applications
* **Networking:** Switches, routers, and high-speed modems.
* **Telecommunications:** Base stations and optical line terminals.
* **Industrial:** Data acquisition systems and embedded controllers.
* **Computing:** Server motherboards and storage area networks.
---
- ⤷
What is the specific frequency of the M3R26FAJ-R model?
- ⤷ How does the J-lead package differ from a standard 4-pad SMD package?
- ⤷ What are the typical jitter specifications for the MtronPTI M3R series?