M3SDY-4-R
AI

The **M3SDY-4-R** is a specific part number typically associated with the **M3 Series** of rotary switches or specialized electronic components, often manufactured by companies like **Copals Electronics** (now Nidec Components) or similar industrial hardware suppliers.
Below is a breakdown of the electronic and mechanical specifications for this component category.
---
### 1. Component Overview
The M3SDY-4-R is a **Rotary Selector Switch** designed for PCB (Printed Circuit Board) mounting. These are often used for logic switching, mode selection, or address setting in industrial electronics.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Rotary Switch / DIP Switch Alternative |
| **Number of Positions** | 4 Positions |
| **Orientation** | Side Actuation (Right Angle) |
| **Mounting Type** | Through-Hole (THT) |
| **Terminal Type** | Solder Pin |
| **RoHS Compliant** | Yes (Indicated by the 'R' suffix) |
---
### 2. Detailed Electronic Specifications
These parts are designed for low-current signal switching rather than high-power applications.
* **Switching Capacity:** Usually rated around **100mA at 5V DC** (Logic level).
* **Contact Resistance:** Typically less than **100mΩ** to ensure signal integrity.
* **Insulation Resistance:** Minimum of **100MΩ** at 100V DC.
* **Dielectric Strength:** Capable of withstanding **250V AC** for one minute.
---
### 3. Key Features and Mechanical Design
The alphanumeric code provides specific details about its build:
1. **M3 Series:** Refers to the ultra-miniature size profile, saving space on dense circuit boards.
2. **Actuator Style (SDY):** This usually denotes a "Side-actuated" or "Right-angle" knob/shaft, allowing the user to change settings from the edge of the device enclosure.
3. **4-Position:** The internal cam allows for four distinct detent stops (e.g., positions 0, 1, 2, 3).
4. **Seal Construction:** Many "M3" switches are "Washable," meaning they have an internal O-ring or seal that prevents flux and cleaning fluids from entering the contacts during the soldering process.
---
### 4. Common Applications
* **Industrial Controls:** Setting operation modes on a PLC or motor driver.
* **Communications:** Selecting channels or addresses on a networking module.
* **Medical Equipment:** Adjusting sensitivity levels on handheld diagnostic tools.
* **Embedded Systems:** Hard-coding a device ID during assembly.
- ⤷
What is the exact pinout configuration for the M3SDY-4-R?
- ⤷ Can this switch be used for high-voltage AC power switching?
- ⤷ What are the environmental temperature limits for this component?