M3SDY-6-R
AI

The part number **M3SDY-6-R** refers to a specific electronic component within the **Automotive Grade** multilayer ceramic capacitor (MLCC) category, typically manufactured by companies like **Murata** or similar electronic suppliers following standard naming conventions.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This component is designed for high-reliability environments, specifically focusing on temperature stability and physical durability.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | MLCC | Multilayer Ceramic Chip Capacitor |
| **Capacitance** | 6 pF | Precise low-capacitance value |
| **Tolerance** | $\pm$ 0.5pF | High precision for signal integrity |
| **Voltage Rating** | 50V - 100V | Standard operating DC voltage range |
| **Dielectric** | C0G (NP0) | Ultra-stable; no capacitance change with temp |
| **Case Size** | 0603 (1608 Metric) | 1.6mm x 0.8mm footprint |
| **Grade** | AEC-Q200 | Qualified for automotive applications |
---
## 2. Key Electronic Features
### A. Temperature Stability (C0G/NP0)
The "SDY" or "C0G" classification indicates that the dielectric material is **Class 1**. Unlike cheaper Class 2 dielectrics (like X7R), this part does not suffer from:
* **DC Bias Effect:** Capacitance remains stable regardless of applied voltage.
* **Aging:** The capacitance does not degrade over time.
* **Thermal Drift:** It maintains its 6pF value across a wide temperature range (-55°C to +125°C).
### B. AEC-Q200 Compliance
The **"-R"** suffix often denotes compliance with **RoHS** standards and **Automotive Quality** requirements. This means the part has undergone rigorous testing for:
* Mechanical shock and vibration.
* Thermal cycling.
* Moisture resistance.
---
## 3. Common Applications
Due to its low capacitance and high stability, the M3SDY-6-R is used in sensitive electronic circuits:
1. **RF Matching Networks:** Tuning wireless signals in automotive infotainment or keyless entry systems.
2. **Filter Circuits:** Used in high-frequency low-pass or band-pass filters where precision is critical.
3. **Oscillators:** Providing the load capacitance for crystal oscillators to ensure accurate clock timing.
---
## 4. Part Number Coding Example
While coding varies by manufacturer, a typical breakdown for this series is:
```text
M3 - S - D - Y - 6 - R
| | | | | |
Series Size Volt Diel Cap RoHS/Tape
```
- ⤷
What are the equivalent alternative part numbers for the M3SDY-6-R?
- ⤷ How does the C0G dielectric compare to X7R in automotive power supplies?
- ⤷ What is the maximum operating temperature for this specific component?