M3STV-45-R/Q
AI

The **M3STV-45-R/Q** is a high-performance, shielded cable assembly from the **M3** series manufactured by **3M**. It is specifically designed for high-density electronic interconnections, typically used in industrial automation, testing equipment, and telecommunications.
### 1. General Specifications
The part number breaks down into specific technical attributes regarding the connector type, pin count, and shielding.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | 3M |
| **Connector Type** | Socket to Plug (Molded) |
| **Number of Positions** | 45-Pin |
| **Cable Type** | Flat Ribbon (Shielded/Jacketed) |
| **Length** | Usually defined by the "45" or specific suffix (check datasheet for exact meters/feet) |
| **Shielding** | Yes (R/Q denotes specific EMI/RFI protection) |
---
### 2. Key Electronic Components & Materials
#### A. The Connectors
The assembly uses **IDC (Insulation Displacement Connectors)**.
* **Contacts:** Usually made of Copper Alloy with Gold plating over Nickel. The gold plating ensures low contact resistance and prevents oxidation.
* **Housing:** Glass-filled thermoplastic (PBT), which provides high insulation resistance and thermal stability.
#### B. The Cable
* **Conductors:** Stranded Tinned Copper (typically 28 AWG or 30 AWG). Tinned copper offers a balance between flexibility and corrosion resistance.
* **Insulation:** PVC or TPE, providing dielectric strength to prevent short-circuiting between adjacent lines.
* **Shielding:** A specialized expanded copper mesh or aluminum foil shield is wrapped around the internal ribbon to mitigate **Electromagnetic Interference (EMI)**.
#### C. Environmental Compliance
The "R/Q" designation often refers to:
* **RoHS Compliance:** Ensuring the electronic parts are lead-free.
* **UL Rating:** The cable is rated for specific voltage (usually 300V) and temperature (usually 80°C or 105°C).
---
### 3. Functional Applications
Because of the 45-position configuration and the shielding, this part is used in:
1. **Data Transmission:** High-speed signal integrity where external noise must be blocked.
2. **Medical Instrumentation:** Where signal precision is critical.
3. **IO Expansion:** Connecting PCBs (Printed Circuit Boards) to external peripherals in a rugged environment.
---
### 4. Technical Pinout (Standard Example)
While pinouts can be custom, the standard 45-pin electronic layout follows a staggered pattern:
```yaml
Pin 1: VCC / Signal High
Pin 2: Ground (GND)
...
Pin 44: Signal Low
Pin 45: Ground / Shield Drain
```
- ⤷
What is the exact pin pitch for the M3STV series connectors?
- ⤷ Does the 'R/Q' suffix indicate a specific cable length or a specialized shielding material?
- ⤷ Are there specific mounting hardware requirements for the 45-pin socket?