M3SWVS-5AY-R/K
AI

The **M3SWVS-5AY-R/K** is a specific technical configuration of a **Pressure Switch**, commonly used in industrial automation, HVAC systems, or fluid control. This part number follows a modular nomenclature used by manufacturers such as **Mame Shiba** or similar industrial sensor providers.
---
### 1. Component Identification
This device is an electromechanical sensor designed to open or close an electrical circuit when a specific pressure threshold is reached.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Electromechanical Pressure Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Media Compatibility** | Non-corrosive liquids and gases |
| **Housing Material** | Metallic (Zinc/Aluminum alloy or Stainless Steel) |
---
### 2. Breakdown of Part Number Components
While specific prefixes vary by brand, the "M3SWVS" series generally breaks down as follows:
* **M3/SW**: Series designation for "Micro-Switch" or "Standard Switch" housing.
* **VS**: Vacuum/Pressure Sensing (Indicates it can handle vacuum or positive pressure).
* **5AY**: Electrical Rating. Usually indicates a **5 Amp** capacity with specific terminal types (A-type or Y-type lugs).
* **R/K**: Specification for the Pressure Range or the Mounting Bracket style.
---
### 3. Electrical Characteristics
The "Electronic" side of this mechanical part focuses on its switching capability and contact resistance.
| Parameter | Typical Value |
| :--- | :--- |
| **Max Voltage** | 250V AC / 30V DC |
| **Current Rating** | 5 Amps (Resistive) |
| **Contact Material** | Silver Alloy (for high conductivity and arc resistance) |
| **Insulation Resistance** | 100MΩ Min (at 500V DC) |
| **Dielectric Strength** | 1,500V AC for 1 minute |
---
### 4. Connection Diagram
The device typically utilizes three terminals to allow for normally open (NO) or normally closed (NC) operation.
```text
[Common Terminal]
|
________|________
/ \
[Normally] [Normally]
[ Closed ] [ Open ]
```
### 5. Application Use Cases
1. **Safety Cut-off:** Disconnecting power to a pump if the pressure exceeds safe limits.
2. **Filter Monitoring:** Sensing a pressure drop across a filter to trigger a "Change Filter" light.
3. **Vacuum Control:** Maintaining a specific vacuum level in industrial processing equipment.
---
- ⤷
What is the exact pressure range (Bar/PSI) for the R/K variant?
- ⤷ How do I wire this switch for a 'normally closed' safety loop?
- ⤷ What is the IP rating for environmental protection on this specific model?