AI

The **M3SXR-4Z1-R** is a high-performance, compact power module typically manufactured by companies like **Murata (Myway)** or related power solution providers. It is part of the MonoBK™ series, designed as a "Point of Load" (PoL) DC-DC converter.
---
### 1. General Specifications
This component is an integrated circuit (IC) that functions as a high-efficiency buck converter. It is designed to take a higher voltage input and step it down to a stable, lower voltage for sensitive electronic components.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Non-isolated DC-DC Converter (Buck) |
| **Input Voltage Range** | 4.5V to 14V (Standard 12V Rail) |
| **Output Current** | 4 Amps |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Form Factor** | Small LGA (Land Grid Array) |
---
### 2. Key Electronic Parts & Design
The "4Z1" in the part number often refers to its specific current rating (4A) and voltage configuration. Here are the core electronic characteristics:
* **Integrated Inductor:** Unlike discrete buck converters, this module integrates the power inductor inside the package, which significantly reduces EMI (Electromagnetic Interference) and saves PCB space.
* **Synchronous Rectification:** Uses internal MOSFETs with low $R_{DS(on)}$ to achieve high efficiency (often >90%), reducing heat generation.
* **Control Loop:** Features high-speed transient response, meaning it can handle sudden changes in CPU/FPGA power demands without large voltage drops.
---
### 3. Pin Configuration & Functionality
The module generally utilizes a specific set of pins for operation:
1. **Vin (Input):** Connected to the main power source (e.g., 12V).
2. **Vout (Output):** Delivers the regulated voltage (e.g., 1.2V, 3.3V).
3. **Trim:** Allows the user to adjust the output voltage by connecting an external resistor.
4. **Enable (ON/OFF):** A digital logic pin to turn the converter on or off.
5. **PGOOD (Power Good):** An output signal that indicates if the output voltage is within the target range.
---
### 4. Common Applications
Due to its small footprint and 4A capacity, it is used in:
* **FPGA & DSP Powering:** Providing clean power to logic cores.
* **Telecommunications:** Base station line cards.
* **Industrial Imaging:** High-speed cameras and sensors.
---
### 5. Safety & Protection Features
* **Over-Current Protection (OCP):** Shuts down if the load draws more than 4A.
* **Over-Temperature Protection (OTP):** Thermal shutdown if the module gets too hot.
* **Under-Voltage Lockout (UVLO):** Prevents the module from starting if the input voltage is too low.
- ⤷
What is the exact input voltage range for the M3SXR-4Z1-R?
- ⤷ Does this module require external capacitors for stability?
- ⤷ How do I calculate the resistor value for the Trim pin?