Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3T-FLX100-R

  • AI
    The **M3T-FLX100-R** is a specialized electronic hardware component, primarily categorized as a **Programming Adapter** or **Emulation Adapter**. It is manufactured by Renesas Electronics and is designed for use with specific microcontrollers (MCUs) to facilitate debugging, flash programming, and system development. --- ### ## Technical Overview The "FLX" series typically refers to "Flex" or "Flexible" interface adapters. This specific part acts as a bridge between a development tool (like an E10A-USB emulator) and the target PCB or a specific socket. ### ### Key Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Renesas Electronics | | **Product Category** | Development Tools / Programming Adapters | | **Device Support** | Specifically designed for the **M16C** or **R8C** family (typically 100-pin packages) | | **Interface Type** | JTAG / Serial Interface conversion | | **Lead Status** | RoHS Compliant | --- ### ## Electronic Design and Functionality The internal circuitry of the M3T-FLX100-R consists of several critical electronic sub-systems: 1. **Signal Buffering:** * Contains high-speed CMOS buffers to ensure signal integrity over the ribbon cables. * Protects the emulator from voltage spikes on the target board. 2. **Pin Mapping (Cross-over):** * Maps the standard pinout of the emulator (e.g., 14-pin or 20-pin headers) to the specific 100-pin footprint of the target microcontroller. 3. **Level Shifting:** * Adapts logic levels if the target board operates at a different voltage (e.g., 3.3V) than the emulator's native signaling (5V). 4. **Passive Filtering:** * Includes decoupling capacitors and termination resistors to minimize electromagnetic interference (EMI) during high-speed data transfer. --- ### ## Usage Context The M3T-FLX100-R is generally used in one of two configurations: * **Socketed Connection:** It is plugged into a "Prototyping Board" or "Header Board" that holds the 100-pin MCU in a ZIF (Zero Insertion Force) socket. * **Target In-Circuit:** It connects to a 100-pin footprint on a custom PCB via a specialized cable/connector, allowing the developer to debug code while the chip is soldered to the final hardware. --- ### ## Maintenance and Precautions ```markdown 1. ESD Protection: Always use an anti-static wrist strap when handling. 2. Pin Alignment: Ensure the "Pin 1" marker on the adapter aligns with the target board. 3. Voltage Limits: Do not exceed the Vcc limits specified for the supported MCU family. ```
    ✨ Follow-up Questions
    • ⤷Which specific Renesas MCU families are compatible with this adapter?
    • ⤷ What is the difference between the M3T-FLX100-R and the M3T-FLX100-S?
    • ⤷ Does this adapter require external power or is it powered by the emulator?