M3V13T2AJ-R
AI

The **M3V13T2AJ-R** is a high-performance **Voltage Controlled Crystal Oscillator (VCCO)** or VCXO, typically manufactured by companies like Jauch Quartz or similar frequency control specialists. It is designed for applications requiring high stability and frequency tuning capabilities.
---
### 1. Technical Specifications
The following table summarizes the key electrical characteristics of the M3V13T2AJ-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Size** | 3.2 x 2.5 mm (Standard 4-pad/6-pad) |
| **Supply Voltage (Vcc)** | 3.3V DC (Typical) |
| **Output Type** | HCMOS / LVCMOS |
| **Frequency Stability** | ±25 ppm to ±50 ppm (Depending on variant) |
| **Pulling Range** | ±100 ppm (Minimum) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Pins and Description
A VCXO differs from a standard oscillator because it includes a "Control Voltage" pin that allows the output frequency to be adjusted slightly.
1. **V_control (Pin 1):** Applying a voltage here (usually 0V to 3.3V) shifts the output frequency.
2. **GND (Pin 2):** Ground connection.
3. **Output (Pin 3):** The high-frequency clock signal (square wave).
4. **Vcc (Pin 4):** Power supply input.
---
### 3. Key Features
* **Small Form Factor:** The 3225 package size makes it ideal for compact PCB designs.
* **Low Phase Jitter:** Optimized for data communication and high-speed signal processing.
* **Wide Pullability:** The ability to "pull" or tune the frequency by ±100 ppm allows for precise synchronization with other clock sources.
* **RoHS Compliant:** The "-R" suffix typically denotes compliance with environmental standards (Lead-free).
---
### 4. Typical Applications
* **Phase-Locked Loops (PLL):** Used as the adjustable clock source to lock onto an external reference.
* **Networking:** Base stations, routers, and switches for data synchronization.
* **Broadcasting:** Video/Audio processing equipment where precise timing is required.
* **Fiber Optics:** SONET/SDH and Ethernet transmission systems.
- ⤷
What is the exact output frequency of the M3V13T2AJ-R variant you are using?
- ⤷ How does the 'pulling range' affect the circuit design?
- ⤷ What are the soldering layout requirements for the 3225 package?