M3V13V2AJ-R
AI

## Technical Overview of M3V13V2AJ-R
The **M3V13V2AJ-R** is a specific model of a **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by suppliers like Jauch Quartz. These components are essential in telecommunications and data processing for precise frequency control.
---
### 1. Component Identification
This part belongs to the **VCXO** family. Unlike a standard crystal oscillator, a VCXO allows the output frequency to be adjusted (steered) by an external control voltage.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Package Size** | 3.2 x 2.5 mm (SMD) |
| **Supply Voltage (Vdd)** | 3.3V |
| **Output Type** | CMOS / HCMOS |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Pinout
The device usually features 4 or 6 pads depending on the specific package variation. The standard configuration for this series is as follows:
1. **Pin 1 (Vcon):** Voltage Control input. Applying a voltage here changes the frequency.
2. **Pin 2 (E/D or NC):** Enable/Disable (Tristate) or No Connection.
3. **Pin 3 (GND):** Ground connection.
4. **Pin 4 (Output):** The generated frequency signal.
5. **Pin 5 (NC):** No internal connection.
6. **Pin 6 (Vdd):** Power supply (3.3V).
---
### 3. Key Electronic Characteristics
* **Frequency Pulling Range:** This indicates how much the frequency can be shifted. For the M3V series, this is usually ±50ppm to ±100ppm (parts per million).
* **Phase Jitter:** These parts are designed for low jitter, making them suitable for high-speed clocking in networking equipment.
* **Tri-state Function:** Allows the output to be placed in a high-impedance state, effectively "disconnecting" it from the bus for testing or power-saving purposes.
---
### 4. Common Applications
Due to its ability to fine-tune frequency via voltage, the M3V13V2AJ-R is used in:
* **Phase-Locked Loops (PLL):** Synchronizing two clock signals.
* **ADSL/VDSL Modems:** Managing data transmission timing.
* **Set-top Boxes:** Synchronizing audio/video streams.
* **Wireless Infrastructure:** Base stations and cellular hardware.
---
### 5. Part Number Breakdown (Example Logic)
While coding varies by manufacturer, the M3V series typically breaks down as:
* **M3V:** Series identifier (VCXO 3.2x2.5mm).
* **3:** 3.3V Supply voltage.
* **13:** Frequency stability code.
* **V2:** Version or specific Pulling range.
* **AJ:** Temperature range / Output logic.
* **-R:** Tape & Reel packaging.
- ⤷
What is the exact frequency of your specific M3V13V2AJ-R unit?
- ⤷ Do you need the specific voltage-to-frequency slope (KV) for this oscillator?
- ⤷ Are you looking for a drop-in equivalent from a different manufacturer?