AI

The **M3V14T1CJ-R** is a specific part number for a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically manufactured by companies like **Nichicon** or **Rubycon** (often belonging to the "MV" or "M3" high-temperature series).
These components are designed for high-density surface mounting on printed circuit boards (PCBs).
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor (Polarized) |
| **Mounting Type** | Surface Mount Device (SMD) / V-Chip |
| **Capacitance** | Varies by sub-code (usually indicated in the full string) |
| **Voltage Rating** | Defined by the "14" or specific series markers |
| **Temperature Range** | -40°C to +105°C (Standard High Temp) |
| **Endurance** | 1,000 to 2,000 hours at 105°C |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The M3V series follows the **"V-Chip"** design pattern. This construction is essential for automated assembly:
* **Aluminum Can:** The cylindrical housing containing the electrolyte and foil.
* **Plastic Base Platform:** A square or rectangular heat-resistant plastic base that stabilizes the part during reflow soldering.
* **Terminals:** Two flat metallic leads protruding from the bottom of the base for SMD soldering.
* **Polarity Mark:** A dark band on the top of the can indicates the **Negative (-)** terminal.
---
### 3. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the string generally breaks down as follows:
1. **M3V:** The Series name (Low impedance, high temperature, or general purpose SMD).
2. **14T1:** Refers to the physical dimensions (Case Size) and Voltage code.
3. **CJ:** Internal manufacturing/tolerance code.
4. **-R:** Packaging code, specifically standing for **Reel** (used in pick-and-place machines).
---
### 4. Common Applications
These capacitors are used in circuits where space is limited but stable energy storage or filtering is required:
* **DC-DC Converters:** Filtering input/output noise.
* **Automotive Electronics:** Used in infotainment and non-safety critical sensors due to vibration resistance.
* **Consumer Electronics:** Flat-screen TVs, game consoles, and power adapters.
* **Industrial Boards:** Power supply decoupling for microprocessors.
---
### 5. Critical Handling Notes
* **Reflow Soldering:** These parts are sensitive to heat profiles. Ensure the reflow oven does not exceed the peak temperature specified in the datasheet (usually ~260°C).
* **Polarity:** Being electrolytic, installing the part backwards will cause internal pressure buildup and potential component failure (venting).
- ⤷
What is the specific capacitance and voltage rating for the M3V14T1CJ-R?
- ⤷ Can this capacitor be used in lead-free (RoHS) soldering processes?
- ⤷ What are the physical dimensions (diameter and height) of this specific case code?