Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3V14T2AJ-R

  • AI
    The **M3V14T2AJ-R** is a high-performance **VCXO (Voltage Controlled Crystal Oscillator)** manufactured by Jonson (or similar high-precision timing component suppliers like Taitien). It is specifically designed for telecommunications and high-speed data applications. ### 1. Technical Specifications Overview The part number follows a specific nomenclature that defines its electrical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Size** | 5.0 x 3.2 mm (SMD Package) | | **Output Type** | CMOS / LVCMOS | | **Supply Voltage** | 3.3V (Typical) | | **Frequency Stability** | ±25ppm to ±50ppm (standard variations) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Pulling Range** | Minimum ±100 ppm | --- ### 2. Key Electronic Functions #### A. Frequency Control (The "VC" in VCXO) Unlike a fixed crystal, this part allows the output frequency to be adjusted (pulled) by applying a control voltage to **Pin 1**. This is critical for: * **Phase Locked Loops (PLLs):** Synchronizing a local clock with an incoming data stream. * **Jitter Attenuation:** Smoothing out timing irregularities in high-speed signals. #### B. Output Characteristics The **LVCMOS** output ensures compatibility with most modern FPGAs and Microcontrollers. It offers low power consumption compared to differential signals like LVPECL, while maintaining fast rise and fall times for digital timing accuracy. #### C. Packaging and Durability The "R" suffix typically denotes **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. The 6-pad ceramic package provides high thermal stability and EMI shielding. --- ### 3. Typical Application Circuit When integrating the M3V14T2AJ-R, the following pinout configuration is generally observed: ```markdown Pin 1: Voltage Control (Vc) Pin 2: Output Enable (OE) or No Connect Pin 3: Ground (GND) Pin 4: Output (Fout) Pin 5: No Connect (NC) Pin 6: Supply Voltage (Vdd) ``` --- ### 4. Common Use Cases * **Telecommunications:** Base stations (BTS) and networking switches. * **Broadcasting:** Video processing equipment where clock synchronization is mandatory. * **Test & Measurement:** High-precision signal generators.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M3V series?
    • ⤷ How does the Voltage Control (Vc) sensitivity impact the jitter performance?
    • ⤷ Are there equivalent parts with a smaller footprint than 5.0x3.2mm?