Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3V14V1J-R

  • AI
    The **M3V14V1J-R** is a specific part number typically associated with **SMD (Surface Mount Device) Varistors**, often manufactured by companies like **Eaton (formerly Cooper Bussmann)** or similar circuit protection specialists. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview A varistor (Voltage-Dependent Resistor) is a passive electronic component used to protect circuits against high-voltage transients (surges). Its resistance decreases exponentially as voltage increases, shunting the excess current to ground. ### Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Package / Case** | 0603 (1608 Metric) | | **Working Voltage (DC)** | 14V DC | | **Working Voltage (AC)** | 11V AC (RMS) | | **Clamping Voltage** | ~38V to 40V | | **Peak Surge Current** | 30A (8/20 µs pulse) | | **Capacitance** | ~120 pF to 200 pF | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Electronic Characteristics ### A. Voltage Clamping The primary role of the M3V14V1J-R is to "clamp" the voltage. When a spike exceeds 14V, the device transitions from a high-impedance state to a conductive state, preventing the downstream components from seeing voltages higher than the rated clamping threshold. ### B. Bi-Directional Protection Unlike a Zener diode, which is often polar, this multilayer varistor provides **bi-directional** protection. It can handle transients of both positive and negative polarity, making it ideal for DC lines and low-speed data lines. ### C. Fast Response Time This part is designed for sub-nanosecond response times (<1 ns). This makes it effective against **ESD (Electrostatic Discharge)** events that occur almost instantaneously. --- ## 3. Applications and Usage The M3V14V1J-R is commonly found in the following scenarios: * **Power Supply Protection:** Protecting 12V DC power rails in automotive or industrial electronics. * **Sensor Protection:** Safeguarding sensitive analog sensors from inductive kickback. * **I/O Port Protection:** Used on low-speed digital interfaces (USB 1.1, buttons, or GPIOs) where the 14V threshold provides a safety margin above the 3.3V or 5V logic levels. --- ## 4. Part Number Breakdown (General Pattern) * **M3V:** Multilayer Varistor Series. * **14:** Working Voltage (14 Volts). * **V1J:** Package/Tolerance code (V1J often refers to the 0603 physical size). * **-R:** RoHS compliant / Lead-free. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this varistor and a TVS diode for 14V protection?
    • ⤷ Does the capacitance of this part affect high-speed data signals?
    • ⤷ How do I calculate if the 30A peak surge current is sufficient for my application?