Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3V15T1CJ-R

  • AI
    The **M3V15T1CJ-R** is a high-performance **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by **Epson**. It is specifically designed for high-frequency applications requiring low jitter and precise frequency control. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Output Type** | LV-PECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage ($V_{CC}$)** | 3.3V (Typical) | | **Package Size** | 7.0 x 5.0 mm (6-pin SMD) | | **Frequency Stability** | ±50 ppm (Commonly, depends on specific suffix) | | **Control Voltage Range** | 0.3V to 3.0V | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Features and Functions ### A. Frequency Control (V-Control) Unlike a standard fixed oscillator, the M3V15T1CJ-R allows for fine-tuning of the output frequency via an analog input voltage on **Pin 1**. This is essential for Phase Locked Loops (PLL) and synchronization circuits. ### B. LV-PECL Output The device uses **LV-PECL** signaling, which is preferred in high-speed digital systems. * **Advantage:** High noise immunity and the ability to drive long transmission lines. * **Requirement:** Requires proper termination resistors (typically 50 ohms to $V_{CC}-2V$). ### C. Low Jitter This series is engineered for "Low Phase Jitter," making it ideal for high-speed networking equipment where timing errors can lead to data corruption. --- ## 3. Pin Configuration The device typically follows a standard 6-pin layout for SMD VCXOs: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $V_C$ | Voltage Control input for frequency adjustment. | | **2** | OE | Output Enable (High = Active, Low = High Impedance). | | **3** | GND | Ground connection. | | **4** | OUT | Main signal output. | | **5** | $\overline{OUT}$ | Complementary (Differential) signal output. | | **6** | $V_{CC}$ | Power supply (3.3V). | --- ## 4. Typical Applications * **Optical Networking:** SONET/SDH, Gigabit Ethernet. * **Telecommunications:** Base stations and switching hardware. * **Data Centers:** High-speed server clocks and storage area networks. * **Clock Recovery:** Used in circuits that need to "lock" onto an incoming data stream's frequency.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a VCXO and a standard XO in terms of circuit design?
    • ⤷ How do I calculate the termination resistance for an LV-PECL output?
    • ⤷ Are there pin-compatible alternatives to the M3V series from other manufacturers?