M3V15T1J-R
AI

## Technical Overview of M3V15T1J-R
The **M3V15T1J-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Chip Inductor**. These parts are commonly used in high-density power conversion circuits, such as DC-DC converters found in laptops, smartphones, and automotive electronics.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the likely technical parameters:
| Parameter | Estimated Value / Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance** | 1.5 µH (denoted by '15') |
| **Tolerance** | ±20% (Standard for this series) |
| **Packaging** | Tape & Reel (denoted by '-R') |
| **Material Core** | Metal Composite / Iron Powder (High saturation) |
---
### 2. Functional Characteristics
The "M3V" series is designed for efficiency in compact spaces. Here are the primary electronic functions:
* **High Saturation Current:** The internal metal powder structure allows the inductor to handle high peak currents without the inductance dropping significantly (saturation).
* **Low DC Resistance (DCR):** Designed to minimize power loss as heat, which increases the overall efficiency of the power supply.
* **Magnetic Shielding:** These parts are usually shielded to reduce Electromagnetic Interference (EMI), preventing the magnetic field from affecting neighboring components on the PCB.
* **Thermal Stability:** Operates reliably across a wide temperature range, often from -40°C to +125°C.
---
### 3. Typical Application Circuit
Inductors like the M3V15T1J-R are essential in **Buck Converters** (Step-down voltage regulators).
```python
# Simplified Buck Converter Logic
Input_Voltage (Vin) -> Switching_Transistor (MOSFET) -> [M3V15T1J-R Inductor] -> Output_Voltage (Vout)
|
Filter_Capacitor
```
---
### 4. Decoding the Part Number
The part number follows a specific manufacturer code (often associated with brands like Maglayers or similar SMT specialists):
1. **M3V:** Series identifier (Physical size and material type).
2. **15:** Inductance value code ($1.5 \mu H$).
3. **T:** Tolerance code.
4. **1J:** Internal factory/material revision code.
5. **-R:** Packaging code (Tape and Reel for automated pick-and-place).
---
- ⤷
What are the physical dimensions (footprint) of the M3V series?
- ⤷ What is the maximum current rating for a 1.5uH M3V inductor?
- ⤷ Can this part be used in automotive-grade applications?