Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3V16T1CJ-R

  • AI
    The **M3V16T1CJ-R** is a specific surface-mount Aluminum Electrolytic Capacitor, typically manufactured by **Elna** or similar electronic component providers. It belongs to the **Chip Type (SMD)** series, designed for high-density mounting on printed circuit boards. --- ### ## 1. Key Technical Specifications Based on the standard nomenclature for this part number, here are the primary electrical and physical characteristics: | Feature | Specification | Details | | :--- | :--- | :--- | | **Capacitance** | 16 µF | The amount of electrical charge it can store. | | **Voltage Rating** | 16 V (DC) | The maximum working voltage it can handle safely. | | **Type** | Aluminum Electrolytic | Uses an electrolyte liquid/gel to achieve high capacitance. | | **Mounting Type** | SMD (Surface Mount) | Vertical chip type (V-chip) for automated assembly. | | **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic capacitors. | | **Case Size Code** | "C" | Refers to the physical dimensions (often 4mm or 5mm diameter). | | **Packaging** | Tape & Reel (R) | Supplied on reels for use in pick-and-place machines. | --- ### ## 2. Part Number Breakdown Understanding the suffix and prefix helps in identifying the exact variant: 1. **M3**: Series identifier (usually indicates standard life or specific temperature range). 2. **V**: Indicates "Vertical" SMD style (V-Chip). 3. **16**: The Rated Voltage (16 Volts). 4. **T**: Terminal type or specific height variant. 5. **16**: The Capacitance value in microfarads (16µF). 6. **CJ**: Size code/Manufacturing batch code. 7. **-R**: Packaging code for **Reel**. --- ### ## 3. Common Applications Due to its small form factor and 16V rating, this component is commonly used in: * **Decoupling:** Filtering high-frequency noise near IC power pins. * **Bypassing:** Diverting AC signals to ground in power supply circuits. * **Consumer Electronics:** Used in laptops, tablets, and gaming consoles where space is limited. * **DC-DC Converters:** Providing stable output voltage in low-power modules. --- ### ## 4. Important Handling Notes * **Polarity:** As an electrolytic capacitor, it is **polarized**. The negative terminal is usually marked with a black stripe on the top of the casing. Reversing polarity will lead to component failure or explosion. * **Reflow Soldering:** Being an SMD component, it is designed to withstand infrared or convection reflow soldering, but it has specific temperature profiles (usually max 260°C) to avoid drying out the electrolyte. ---
    ✨ Follow-up Questions
    • ⤷ What is the temperature rating for the M3V series?
    • ⤷ Are there low ESR versions of this 16uF capacitor?
    • ⤷ How do I identify the negative terminal on a V-chip SMD capacitor?