M3V18T1J-R
AI

The **M3V18T1J-R** is a specific surface-mount component, typically identified as a **Voltage Controlled Crystal Oscillator (VCXO)**. These parts are critical in telecommunications and high-speed data transmission for frequency synchronization and clock generation.
---
## 1. Technical Specifications
Below are the general characteristics typically associated with this series of VCXOs:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | SMD (Surface Mount Device) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage ($V_{dd}$)** | 3.3V (standard for M3V series) |
| **Frequency Range** | 1.5 MHz to 54.0 MHz (varies by sub-model) |
| **Pullability Range** | ±100 ppm |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Core Functional Parts
The internal architecture of an M3V18T1J-R consists of several key electronic sections:
### A. The Quartz Crystal
The heart of the component is a precision-cut quartz crystal. It provides the reference frequency through the piezoelectric effect.
### B. Varactor Diode
Because this is a **Voltage Controlled** oscillator, it includes a varactor diode.
* **Function:** By changing the control voltage ($V_c$) on the input pin, the capacitance of this diode changes.
* **Result:** This shifts the resonant frequency of the crystal slightly, allowing for fine-tuning or "pulling" of the clock signal.
### C. Oscillator Circuitry (IC)
An integrated circuit (usually an inverter-based amplifier) maintains the oscillation of the crystal and provides the output buffer to drive external loads.
---
## 3. Pin Configuration
For the standard 4-pin or 6-pin SMD package used by these oscillators:
1. **VC (Voltage Control):** Input to adjust the frequency.
2. **GND:** Ground connection.
3. **Output:** The generated clock signal (Square wave).
4. **VDD:** Positive power supply (3.3V).
5. *(Optional)* **E/D (Enable/Disable):** Used to turn the output on or off without powering down the device.
---
## 4. Common Applications
* **Phase-Locked Loops (PLLs):** Used to synchronize two different clock signals.
* **Telecommunications:** Base stations and networking hardware.
* **Set-top Boxes:** Synchronizing audio/video streams.
* **Instrumentation:** Frequency synthesizers and test equipment.
- ⤷
What is the difference between a standard XO and a VCXO?
- ⤷ How do I calculate the 'pull range' for this component?
- ⤷ What are the soldering precautions for SMD crystal oscillators?