M3V18T2AJ-R
AI

The **M3V18T2AJ-R** is a specific surface-mount **Voltage Controlled Crystal Oscillator (VCXO)**. These components are critical in circuits requiring precise frequency control and timing synchronization.
---
## 1. Component Overview
The M3V series is manufactured by companies like MtronPTI. It is designed for high-reliability applications where a reference frequency needs to be adjusted or modulated by an external input voltage.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | SMD (Surface Mount Device) - 5x7 mm typically |
| **Output Type** | CMOS / TTL |
| **Supply Voltage ($V_{dd}$)** | 3.3V (indicated by the "3V" in the prefix) |
| **Operating Temp** | Typically -40°C to +85°C (Industrial Grade) |
---
## 2. Pin Configuration and Functional Parts
A standard VCXO like the M3V18T2AJ-R usually features 4 or 6 pads. Below are the electronic functional parts within the component:
1. **Voltage Control (VC) Pin:** This is the "Control" input. By varying the voltage on this pin, the internal capacitance changes, shifting the output frequency slightly (pullability).
2. **Tri-state / Enable Pin:** Allows the output to be turned on or off without powering down the whole device.
3. **The Crystal Blank:** A precision-cut quartz crystal that provides the mechanical resonance for the frequency.
4. **Varactor Diode:** An internal electronic part whose capacitance changes with voltage, used to "pull" the crystal frequency.
5. **Oscillator IC:** An integrated circuit that maintains the oscillation and buffers the output signal to CMOS levels.
---
## 3. Part Number Breakdown (Nomenclature)
While naming conventions vary slightly by manufacturer, the code generally breaks down as follows:
* **M3V:** Series identifier (3.3V CMOS VCXO).
* **18:** Stability code (e.g., ±50ppm or ±25ppm depending on datasheet version).
* **T:** Temperature range (Often denotes -40°C to +85°C).
* **2:** Symmetry/Duty Cycle requirements.
* **AJ:** Pullability range (e.g., ±100ppm minimum).
* **R:** Packaging (Tape & Reel).
---
## 4. Common Applications
* **Phase-Locked Loops (PLLs):** Used to synchronize local clocks with an external reference.
* **Telecommunications:** Base stations and networking hardware (Ethernet, SONET).
* **Digital Video:** Adjusting clock rates to match incoming data streams.
- ⤷What is the difference between a standard XO and a VCXO like the M3V18?
- ⤷ How do I calculate the 'pullability' range for this component?
- ⤷ What are the soldering precautions for a 5x7mm SMD oscillator?